Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317L-S08-R Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # LM317L-S08-R
Description  LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LM317L-S08-R Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  LM317L-S08-R Datasheet HTML 1Page - E-Tech Electronics LTD LM317L-S08-R Datasheet HTML 2Page - E-Tech Electronics LTD LM317L-S08-R Datasheet HTML 3Page - E-Tech Electronics LTD LM317L-S08-R Datasheet HTML 4Page - E-Tech Electronics LTD LM317L-S08-R Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM317L
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R101-008.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Input-Output Differential Voltage
VIN-VOUT
40
V
Power Dissipation
PD
Internally Limited
Junction Temperature
TJ
+125
°C
Operating Junction Temperature
TOPR
0 ~ +125
°C
Storage Temperature Range
TSTR
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VIN-VOUT=5V, IOUT=40mA, Ta=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Line Regulation
ΔV
OUT/VOUT 3V≦VIN-VOUT≦40V, ILOAD<20mA
0.01
0.04
%/V
VOUT≦5V
5
25
mV
Load Regulation
ΔV
OUT
5mA≦IOUT≦100mA
VOUT≧5V
0.1
0.5
%
Adjustable Pin Current
IADJ
50
100
μA
Adjustable Pin Current Change
ΔI
ADJ
3V≦VIN-VOUT≦40V,
5mA≦IOUT≦100mA, PD<625mW
0.2
5
μA
Reference Voltage
VREF
3V≦VIN-VOUT≦40V,
5mA≦IOUT≦100mA, PD<625mW
1.20
1.25
1.30
V
Temperature Stability
TMIN≦TJ≦TMAX
0.7
%/VOUT
Minimum Load Current for Regulation
IL(MIN)
VIN-VOUT=40V
3.5
10
mA
Maximum Output Current
IO(MAX)
VIN-VOUT=40V, PD≦625mW
50
mA
RMS Noise vs. %of VOUT
eN
10HZ≦f≦10KHZ
0.003 0.01 %/VOUT
CADJ=0
65
dB
Ripple Rejection
RR
VOUT=10V,f=120HZ,
CADJ =10μF
66
80
dB
Note: CADJ is connected between Adjust pin and Ground.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com