Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECQ-E2103KB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQ-E2103KB
Description  Metallized Polyester Film Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQ-E2103KB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQ-E2103KB Datasheet HTML 1Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 2Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 3Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 4Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 5Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 6Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC42−
Plastic Film Capacitors
■Dimensions in mm (not to scale)
■Packaging Specifications for Bulk Package
Packing quantity : 100 pcs./bag
Cut lead
●Packaging Specifications
■Taping Specifications for Automatic Insertion
●Taping style
Style
AD
AS
AB
C
D
E
Lead Spacing
5.0 mm
5.0 mm
5.0 mm
5.0 mm
7.5 mm
7.5 mm
❈See the column
“Rating, Dimensions
& Quantity Box” for
packing quantity.
●Lead Spacing
❈Refer to the page of taping specifications.
P0
Style AS
P
F
Type
Rated
volt.
Cap. range
(µF)
Taping style
AD AS AB B
C
D
E
○
○
○
○
○
○
○
○
○
○
Packing
suffix
ECQE(B)
250 VDC
125 VAC
0.010 to 0.15
0.010 to 0.68
0.82 to 1.5
0.18 to 0.68
0.82 to 4.7
0.010 to 0.068
0.082 to 0.22
0.27 to 2.7
0.082 to 0.68
0.82 to 2.7
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
() B2
() B3
() B3
R() B
R() B
() B2
() B6
() B3
R() B
R() B
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
42



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com