Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB501 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB501
Description  USB 3.0 Single Channel Redriver with Equalization
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB501 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB501 Datasheet HTML 1Page - Texas Instruments TUSB501 Datasheet HTML 2Page - Texas Instruments TUSB501 Datasheet HTML 3Page - Texas Instruments TUSB501 Datasheet HTML 4Page - Texas Instruments TUSB501 Datasheet HTML 5Page - Texas Instruments TUSB501 Datasheet HTML 6Page - Texas Instruments TUSB501 Datasheet HTML 7Page - Texas Instruments TUSB501 Datasheet HTML 8Page - Texas Instruments TUSB501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TUSB501
SLLSEG5A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Main power supply
3
3.3
3.6
V
TA
Operating free-air temperature
–40
85
°C
CAC
AC coupling capacitor
75
100
200
nF
POWER SUPPLY CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
Link in U0 with SuperSpeed USB
38.1
data transmission, OS = Low
ICC-ACTIVE
Average active current
mA
Link in U0 with SuperSpeed USB
43.8
65
data transmission, OS = High
Link has some activity, not in U0,
ICC-IDLE
Average current in idle state
29.8
mA
OS = Low
ICC-U2U3
Average current in U2/U3
Link in U2 or U3
6.1
mA
No SuperSpeed USB device is
ICC-NC
Average current with no connection
1.3
mA
connected to TXP, TXN
OS = Low
126
PD
Power Dissipation in U0
mW
OS = High
145
234
(1)
TYP values use VCC = 3.3 V, TA = 25°C.
(2)
MAX values use VCC = 3.6 V, TA = –40°C.
DC ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3-State CMOS Inputs (EQ, DE)
VIH
High-level input voltage
2.8
V
VIM
Mid-level input voltage
VCC / 2
V
VIL
Low-level input voltage
0.6
V
VF
Floating voltage
VIN = High impedance
VCC / 2
V
RPU
Internal pull-up resistance
190
k
Ω
RPD
Internal pull-down resistance
190
k
Ω
IIH
High-level input current
VIN = 3.6 V
36
µA
IIL
Low-level input current
VIN = GND, VCC = 3.6 V
-36
µA
2-State CMOS Input (OS)
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.5
V
VF
Floating voltage
VIN = High impedance
GND
V
RPD
Internal pull-down resistance
270
k
Ω
IIH
High-level input current
VIN = 3.6 V
26
µA
IIL
Low-level input current
VIN = GND
-1
µA
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TUSB501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com