Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3N163 Datasheet(PDF) 1 Page - Micross Components

Part # LS3N163
Description  an enhancement mode P-Channel Mosfet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS3N163 Datasheet(HTML) 1 Page - Micross Components

  LS3N163 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR INTERSIL LS3N163 
ABSOLUTE MAXIMUM RATINGS
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
375mW 
MAXIMUM CURRENT
Drain Current 
50mA 
MAXIMUM VOLTAGES 
Drain to Gate ‐40V 
Drain to Source ‐40V 
Peak Gate to Source
2
±125V 
LS3N163 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
IGSSF 
Gate Forward Current  
‐10 
‐‐ 
‐‐ 
pA 
VGS = ‐40V,   VDS = 0V 
 
TA= +125°C 
‐‐ 
‐‐ 
‐25 
BVDSS 
Drain to Source Breakdown Voltage ‐40 
‐‐ 
‐‐ 
 
 
V 
ID = ‐10µA,   VGS = 0V 
BVSDS 
Source‐Drain Breakdown Voltage ‐40 
‐‐ 
‐‐ 
IS = ‐10µA, VGD = 0V,  VBD = 0V 
VGS(th) 
Gate to Source Threshold Voltage ‐2.0 
‐‐ 
‐5.0 
VDS =  VGS ,    ID = ‐10µA 
‐2.0 
‐‐ 
‐5.0 
VDS = ‐15V,   ID = ‐10µA 
VGS 
Gate Source Voltage ‐3.0 
‐‐ 
‐6.5 
VDS = ‐15V,   ID = ‐0.5mA 
IDSS 
Drain Leakage Current “Off” 
‐‐ 
‐‐ 
200 
pA 
VDS = ‐15V,   VGS = 0V 
ISDS 
Source Drain Current 
‐‐ 
‐‐ 
400 
VDS = 15V,   VGS =  VDB = 0V 
rDS(on) 
Drain to Source “On” Resistance 
‐‐ 
‐‐ 
250 Ω 
VGS = ‐20V,   ID = ‐100µA 
ID(on) 
Drain Current “On” ‐5.0 
‐‐ 
‐30 
mA 
VDS = ‐15V,  VGS = ‐10V 
gfs 
Forward Transconductance 
2000 
‐‐ 
4000 
µS 
VDS = ‐15V,    ID = ‐10mA ,   f = 1kHz 
gos 
Output Admittance 
‐‐ 
‐‐ 
250 
Ciss  Input Capacitance–Output shorted 
‐‐ 
‐‐ 
2.5  
pF 
 
VDS = ‐15V,    ID = ‐10mA ,   f = 1MHz
3 
Crss 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
0.7 
Coss 
Output Capacitance‐Input shorted 
‐‐ 
‐‐ 
3.0 
SWITCHING CHARACTERISTICS  ‐ TA = 25°C  and  VBS = 0 unless otherwise noted                                                              TIMING WAVEFORMS 
SYMBOL 
CHARACTERISTIC 
MAX 
UNITS 
CONDITIONS 
td(on) 
Turn On Delay Time 
12  
ns 
VDD = ‐15V 
ID(on) = ‐10mA      
RG = RL = 1.4KΩ
3 
tr 
Turn On Rise Time 
24 
toff 
Turn Off Time 
50 
 
 
  
                                  SWITCHING TEST CIRCUIT 
The LS3N163 is an enhancement mode P-Channel Mosfet
LS3N163
P-CHANNEL MOSFET
Note 1 ‐ Absolute maximum ratings are limiting values above which LS3N163 serviceability may be impaired. 
Note 2 – Device must not be tested at ±125V more than once or longer than 300ms. 
Note 3 – For design reference only, not 100% tested
The LS3N163 is an enhancement mode P-Channel
Mosfet designed for use as a General Purpose amplifier
or switch
The hermetically sealed TO-72 package is well suited
for high reliability and harsh environment applications.
(See Packaging Information).
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-72 (Bottom View)
Available Packages:
LS3N163 in TO-72
LS3N163 in bare die.
Please contact Micross for full
package and die dimensions
LS3N163 Features:
Very high Input Impedance
Low Capacitance
High Gain
High Gate Breakdown Voltage
Low Threshold Voltage


Similar Part No. - LS3N163

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS3N163_TO-72 MICROSS-LS3N163_TO-72 Datasheet
366Kb / 1P
P-CHANNEL MOSFET
More results

Similar Description - LS3N163

ManufacturerPart #DatasheetDescription
logo
Micross Components
3N164_TO-72 MICROSS-3N164_TO-72 Datasheet
366Kb / 1P
an enhancement mode P-Channel Mosfet
LS3N170_TO-72 MICROSS-LS3N170_TO-72 Datasheet
278Kb / 1P
an enhancement mode N-Channel Mosfet
2N4351 MICROSS-2N4351 Datasheet
315Kb / 1P
an enhancement mode N-Channel Mosfet
2N4352 MICROSS-2N4352 Datasheet
315Kb / 1P
an enhancement mode N-Channel Mosfet
3N163 MICROSS-3N163 Datasheet
408Kb / 1P
an enhancement mode P-Channel Mosfet
3N164 MICROSS-3N164 Datasheet
366Kb / 1P
an enhancement mode P-Channel Mosfet
3N170 MICROSS-3N170 Datasheet
278Kb / 1P
an enhancement mode N-Channel Mosfet
3N171 MICROSS-3N171 Datasheet
277Kb / 1P
an enhancement mode N-Channel Mosfet
LS3N164 MICROSS-LS3N164 Datasheet
367Kb / 1P
an enhancement mode P-Channel Mosfet
LS3N170 MICROSS-LS3N170 Datasheet
278Kb / 1P
an enhancement mode N-Channel Mosfet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com