Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS358 Datasheet(PDF) 1 Page - Micross Components

Part # LS358
Description  Linear Systems Log Conformance Monolithic Dual PNP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS358 Datasheet(HTML) 1 Page - Micross Components

  LS358 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
LOG CONFORMANCE  
∆re = 1.5Ω
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation (One side) 
250mW 
Continuous Power Dissipation (Both sides) 
500mW 
Linear Derating factor (One side) 
2.3mW/°C 
Linear Derating factor (Both sides) 
4.3mW/°C 
Maximum Currents 
Collector Current 
10mA 
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VBE1 – VBE2 | 
Base Emitter Voltage Differential 
‐‐ 
0.4 
1 
mV 
IC = 10µA, VCE = 5V 
∆|(VBE1 – VBE2)| / ∆T 
 
Base Emitter Voltage Differential 
Change with Temperature 
‐‐ 
1 
10 
µV/°C 
IC = 10µA, VCE = 5V 
TA = ‐55°C to +125°C 
|IB1 – IB2 | 
Base Current Differential 
‐‐ 
‐‐ 
10 
nA 
IC = 10µA, VCE = 5V 
|∆ (IB1 – IB2)|/°C 
Base Current Differential 
 Change with Temperature 
‐‐ 
‐‐ 
0.5 
nA/°C 
IC = 10µA, VCE = 5V 
TA = ‐55°C to +125°C 
hFE1 /hFE2 
DC Current Gain Differential 
‐‐ 
5 
‐‐ 
% 
IC = 10µA, VCE = 5V 
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
∆re 
Log Conformance 
‐‐ 
‐‐ 
1.5 Ω 
IC = 10‐100‐1000µA, VCE = 5V 
BVCBO 
Collector to Base Voltage 
20 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
BVCEO 
Collector to Emitter Voltage 
20 
‐‐ 
‐‐ 
V 
IC = 10µA, IB = 0 
BVEBO 
Emitter‐Base Breakdown Voltage 
6.2 
‐‐ 
‐‐ 
V 
IE = 10µA, IC = 0
2 
BVCCO 
Collector to Collector Voltage 
45 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
 
hFE 
 
DC Current Gain 
100 
‐‐ 
600  
IC = 10µA, VCE = 5V 
100 
‐‐ 
600  
IC = 100µA, VCE = 5V 
100 
‐‐ 
‐‐ 
 
IC = 1mA, VCE = 5V 
VCE(SAT) 
Collector Saturation Voltage 
‐‐ 
‐‐ 
0.5 
V 
IC = 1mA, IB = 0.1mA 
IEBO 
Emitter Cutoff Current 
‐‐ 
‐‐ 
0.2 
nA 
IC = 0, VEB = 3V 
ICBO 
Collector Cutoff Current 
‐‐ 
‐‐ 
0.2 
nA 
IE = 0, VCB = 15V 
COBO 
Output Capacitance 
‐‐ 
‐‐ 
2 
pF 
IE = 0, VCB = 5V 
CC1C2 
Collector to Collector Capacitance 
‐‐ 
‐‐ 
2 
pF 
VCC = 0V 
IC1C2 
Collector to Collector Leakage Current 
‐‐ 
‐‐ 
0.5 
nA 
VCC = ±45V 
fT 
Current Gain Bandwidth Product 
200 
‐‐ 
‐‐ 
MHz 
IC = 1mA, VCE = 5V 
NF 
Narrow Band Noise Figure 
‐‐ 
‐‐ 
3 
dB 
IC = 100µA,  VCE = 5V, BW=200Hz, RG= 10KΩ,  
f = 1KHz 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. The reverse base‐to‐emitter voltage must never exceed 6.2 volts; the reverse base‐to‐emitter current must never exceed 10µA. 
 
 
 
 
LS358
MONOLITHIC DUAL
PNP TRANSISTOR
LS358 Features:
Tight matching
Low Output Capacitance
The LS358 is a monolithic pair of PNP transistors
mounted in a single P-DIP package. The monolithic
dual chip design reduces parasitics and is ideal for use
in logging applications. See LS318 for NPN.
The 8 Pin P-DIP provides ease of manufacturing, and
the symmetrical pinout prevents improper orientation.
(See Packaging Information).
Linear Systems Log Conformance Monolithic Dual PNP
Available Packages:
LS358 in P-DIP
LS358 available as bare die
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
P-DIP (Top View)


Similar Part No. - LS358

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS358 LINEAR-LS358 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
LS358 LINEAR-LS358_14 Datasheet
298Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
logo
Micross Components
LS358_PDIP MICROSS-LS358_PDIP Datasheet
287Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS358_SOIC MICROSS-LS358_SOIC Datasheet
287Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS358_SOT-23 MICROSS-LS358_SOT-23 Datasheet
283Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS358

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS318 LINEAR-LS318 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS358 LINEAR-LS358 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
logo
Micross Components
LS3550C_TO-71 MICROSS-LS3550C_TO-71 Datasheet
285Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3250B_P-DIP MICROSS-LS3250B_P-DIP Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
LS318 MICROSS-LS318 Datasheet
287Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
LS3250A MICROSS-LS3250A Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
LS3250B MICROSS-LS3250B Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
LS3250C MICROSS-LS3250C Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
logo
Linear Integrated Syste...
LS318 LINEAR-LS318_14 Datasheet
286Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS358 LINEAR-LS358_14 Datasheet
298Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com