Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND491GST Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AND491GST
Description  Color Displays - (Prototype Kits Available for All Displays)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AND491GST Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AND491GST Datasheet HTML 1Page - List of Unclassifed Manufacturers AND491GST Datasheet HTML 2Page - List of Unclassifed Manufacturers AND491GST Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8282 • Fax: 408.733.1287 • email@purdyelectronics.com
9/30/05
www.purdyelectronics.com
LCD – Panel/Segment Displays (Wide Temperature & High Humidity)
Part Number
Display Font
Digit Height in Inches
Package Dimensions in Inches
(Length x Width)
FE1901W
0.5
1.1 x 1.2
FE0201W
0.5
2.0 x 1.2
FE0203W
0.5
2.0 x 1.2
FE0202W
0.5
2.0 x 1.2
FE0502W
0.7
2.75 x 1.5
FE0206W
0.5
2.0 x 1.2
FE0208W
0.4
2.0 x 1.2
FE0401W
0.5
2.75 x 1.2
FE0601W
0.7
3.7 x 1.5
FE1001W
0.5
3.7 x 1.2
Backlight viewing mode designation is:
•
DU for “reflective” surface to reflect ambient light back through the liquid crystal materials for illumination.
•
EU for “transflective” surface which uses a partially reflecting surface for viewing with a backlight or using reflected light.
•
Example: To receive a 0.5-inch high, 4-digit, wide temperature, high humidity, reflective panel display, order: FE202+W-DU = FE0202W-DU
• “30” means that the LCD has a transflective reflector. Part would be
ordered with a “-30” suffix. (i.e. AND1013ST-30)
• “EO” means that an electroluminescent panel is installed in the LCD.
Order with the “EO” suffix. (i.e. AND1013ST-EO)
• CCFL means that a cold cathode fluorescent lamp is installed in the
module
• “MST” means Film Super Twist Nematic (FSTN)
• “BST” means Blue Mode Super Twist Nematic LCD
Notes for the Intelligent Graphic Displays
Purdy Electronics
The Design Engineer’s Source for High Quality Component Solutions
The mission of Purdy Electronics Corporation is to provide our original equipment manufacturer (OEM) customers with the highest quality
electronic components at competitive prices, supported with superior customer and technical service and value added enhancements.
Purdy Electronics has been providing electronic components to OEMs for over 75 years. We specialize in manufacturing a limited number of
product lines including:
Fans and Blowers
OPTOELECTRONICS
OPTOELECTRONICS
OPTOELECTRONICS
Light Emitting Diodes
Displays
Liquid Crystal Display Products
Rotary and Thumbwheel Switches
Fiber Optic Components and
Cable Assemblies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com