Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP62-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBLP62-R
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP62-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  QBLP62-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP62-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP62-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP62-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP62-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP62-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP62-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP62-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP62-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
QBLP602 series
0603 LED
Product: QBLP602 series
Date: June 16, 2011
Page 6 of 9
Version# 2.1
Solder Profile & Footprint:
25℃
0
0
50
100
150
200
250
300
(℃)
Time
50
100
150
200
250
300
260℃ max
230℃ max
2~5℃/sec
Pre heating 120~150℃
1~5℃/sec
2~5℃/sec
25℃
0
240℃ max
210℃ max
2~5℃/sec
2~5℃/sec
IR Reflow Soldering Profile
Lead Free Solder
IR Reflow Soldering Profile
Lead Solder
Time
50
100
150
200
250
300
(℃)
0
50
100
150
200
250
300
Pre heating 120~150℃
1~5℃/sec
(sec)
(sec)
( Proposed Solder footprint )
Units: mm
tolerance: +/- 0.1mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com