Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP612-R Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QBLP612-R
Description  LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP612-R Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QBLP612-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
QBLP612 Series
Side View 0802 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP612 Series
Date: September 16, 2014
Page 11 of 12
Version# 1.0
Packaging Specifications:
Labeling
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP612-R
QBLP612-R
Iv=70mcd typ. @ IF=20mA, λD: 625nm ~
635nm
4,000 units
QBLP612-AG
QBLP612-AG
Iv=40mcd typ. @ IF=20mA, λD: 565nm ~
576nm
4,000 units
QBLP612-IG
QBLP612-IG
Iv=430mcd typ. @ IF=20mA, λD: 520nm ~
530nm
4,000 units
QBLP612-IW-
CW
QBLP612-IW-
CW
Iv=320mcd typ. @ IF=20mA, Chromaticity
Coordinate: (X=0.25, Y=0.24) min.
4,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com