Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP613-RIG Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # QBLP613-RIG
Description  LED BI-COLOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP613-RIG Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button QBLP613-RIG Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP613-RIG Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP613-RIG Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP613-RIG Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP613-RIG Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP613-RIG Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP613-RIG Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP613-RIG Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP613-RIG Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
QBLP613-RIG
1204 LED
BI-COLOR
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP613-RIG
Date: April 18, 2012
Page 8 of 11
Version# 1.0
Solder Profile & Footprint
-The recommended reflow soldering profile is as follows (temperatures indicated are as measured on
the surface of the LED resin):
( Recommend Solder footprint )
Units: mm
tolerance: +/- 0.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com