Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP615-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # QBLP615-R
Description  LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP615-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button QBLP615-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP615-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP615-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP615-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP615-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP615-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP615-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP615-R Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP615-R Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
QBLP615_series
1206 Side view LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP615_series
Date: February 04, 2014
Page 12 of 13
Version# 1.3
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP615-IB
QBLP615-IB
Iv=70mcd typ. @ 20mA /
Color=455nm ~ 465nm
3,000 units
QBLP615-IG
QBLP615-IG
Iv=320 mcd typ. @ 20mA /
Color=520nm ~ 530nm
3,000 units
QBLP615-R
QBLP615-R
Iv=140mcd typ. @ 20mA /
Color=615nm ~ 630nm
3,000 units
QBLP615-AG
QBLP615-AG
Iv=63mcd typ. @ 20mA /
Color=565nm ~ 576nm
3,000 units
QBLP615-Y
QBLP615-Y
Iv=120mcd typ. @ 20mA /
Color=585nm ~ 595nm
3,000 units
QBLP615-O
QBLP615-O
Iv=150 mcd typ. @ 20mA /
Color=600nm ~ 610nm
3,000 units
QBLP615-S
QBLP615-S
Iv=85 mcd typ. @ 20mA /
Color=625nm ~ 635nm
3,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com