Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP617-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # QBLP617-R
Description  LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP617-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button QBLP617-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP617-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP617-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP617-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP617-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP617-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP617-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP617-R Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP617-R Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
QBLP617 _Series
0602 LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBL617_Series
Date: February 06, 2014
Page 12 of 13
Version# 1.4
Labeling
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP617-IB
QBLP617-IB
Iv=63mcd typ. @ 20mA / Color=465nm ~
475nm
4,000 units
QBLP617-IG
QBLP617-IG
Iv=380mcd typ. @ 20mA / Color=520nm ~
530nm
4,000 units
QBLP617-R
QBLP617-R
Iv=100mcd typ. @ 20mA / Color=615nm ~
630nm
4,000 units
QBLP617-AG
QBLP617-AG
Iv=35mcd typ. @ 20mA / Color=565nm ~
576nm
4,000 units
QBLP617-Y
QBLP617-Y
Iv=150 mcd typ. @ 20mA / Color=585nm ~
595nm
4,000 units
QBLP617-O
QBLP617-O
Iv=165mcd typ. @ 20mA / Color=600nm ~
610nm
4,000 units
QBLP617-IW
QBLP617-IW
Iv=250mcd typ. @ 20mA / CCT Coordinate:
(X= 0.28, Y = 0.29) typ.
4,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com