Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP631-R Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # QBLP631-R
Description  LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP631-R Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button QBLP631-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP631-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP631-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP631-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP631-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP631-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP631-R Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP631-R Datasheet HTML 13Page - List of Unclassifed Manufacturers QBLP631-R Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
QBLP631 Series
0805 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP631 Series
Date: February 03, 2014
Page 13 of 14
Version# 1.1
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP631-IW
QBLP631-IW
Iv=270 mcd typ. / CIE Coordinate: (X=0.28,
Y=0.29) typ.
3,000 units
QBLP631-IB
QBLP631-IB
Iv=125 mcd typ. / Color=465nm to 475nm
3,000 units
QBLP631-IG
QBLP631-IG
Iv=400 mcd typ. / Color=520nm to 530nm
3,000 units
QBLP631-R
QBLP631-R
Iv=100 mcd typ. / Color=615nm to 630nm
3,000 units
QBLP631-S
QBLP631-S
Iv=50 mcd typ. / Color=630nm to 650nm
3,000 units
QBLP631-AG
QBLP631-AG
Iv=50 mcd typ. / Color=565nm to 576nm
3,000 units
QBLP631-Y
QBLP631-Y
Iv=150 mcd typ. / Color = 585nm to 595nm
3,000 units
QBLP631-O
QBLP631-O
Iv=160 mcd typ. / Color = 600nm to 610nm
3,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com