Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP670-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # QBLP670-R
Description  PLCC2 LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP670-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button QBLP670-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
QBLP670_series
PLCC2 LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP670_series
Date: September 30, 2013
Page 12 of 13
Version# 3.1
Labeling
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP670-IB
QBLP670-IB
Iv = 210 mcd Typ. @ 20mA/
Color = 470nm Typ.
2,000 units
QBLP670-IG
QBLP670-IG
Iv = 900mcd Typ. @ 20mA/
Color = 525nm Typ.
2,000 units
QBLP670-UV
QBLP670-UV
Iv=7 mcd Typ. @ 20mA/ Color:
425nm Typ.
2,000 units
QBLP670-R
QBLP670-R
Iv = 230 mcd Typ. @ 20mA/
Color = 620 nm Typ.
2,000 units
QBLP670-AG
QBLP670-AG
Iv = 80 mcd Typ. @ 20mA/
Color = 570nm Typ.
2,000 units
QBLP670-Y
QBLP670-Y
Iv = 210 mcd Typ. @ 20mA/
Color = 590nm Typ.
2,000 units
QBLP670-O
QBLP670-O
Iv = 250 mcd Typ. @ 20mA/
Color = 605nm Typ.
2,000 units
QBLP670-S
QBLP670-S
Iv = 80 mcd Typ. @ 20mA/
Color = 640nm Typ.
2,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com