Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969URD-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # L4969URD-E
Description  System voltage regulator with fault tolerant low speed CAN transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969URD-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L4969URD-E Datasheet HTML 17Page - STMicroelectronics L4969URD-E Datasheet HTML 18Page - STMicroelectronics L4969URD-E Datasheet HTML 19Page - STMicroelectronics L4969URD-E Datasheet HTML 20Page - STMicroelectronics L4969URD-E Datasheet HTML 21Page - STMicroelectronics L4969URD-E Datasheet HTML 22Page - STMicroelectronics L4969URD-E Datasheet HTML 23Page - STMicroelectronics L4969URD-E Datasheet HTML 24Page - STMicroelectronics L4969URD-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
L4969UR-E, L4969URD-E
Functional description
Doc ID 022587 Rev 2
21/46
After detecting a dominant level on either CANH or CANL for longer than the wakeup filter
time (twuCAN), RX goes low for one tOSC cycle. This is repeated cyclically every twuREP until
CANx returns to a recessive state or CANx is considered as shorted to a dominant value.
Note, that the duration of the extended cycle twuREP equals twuCAN when the oscillator is in
1 MHz mode (Standby3, RXOnly and Normal mode, see Table 15).
If the device uses the low power oscillator (250 KHz) in either Sleep2 or Standby2
twuREP = 4.2 x twuCAN.
3.4
Oscillator
A low power oscillator provides an internal clock, that can be calibrated in a range from
-16% to +16% via the RCADJ register using the µC-XTAL as a reference.
In the operating modes Sleep2 and Standby2 (Watchdog / timer active) the output frequency
is ~250 kHz (1/ tOSCslow), if the Watchdog function is not requested, the internal Oscillator is
switched off.
In the operating modes Normal, RXonly and Standby3 the oscillator is running at ~1 MHz
(1/ tOSC).
3.5
Watchdog
A triple function programmable watchdog is integrated to perform the following tasks:
●
Wakeup watchdog:
When in sleep or standby mode the watchdog can generate a wakeup condition after a
programmable period of time ranging from 80 ms up to 45 minutes
●
Startup watchdog:
Upon V1 power-up or microcontroller failure during SPI supervision a reset pulse is
generated periodically every 320 ms for 2.5 ms until activity of the microcontroller is
detected (SPI sequence) or no acknowledge is received within 7 cycles (2.2 sec). In
this condition the device is forced into Sleep mode until a Wakeup is detected and a
startup cycle is reinitialized.
●
Window watchdog:
After passing the startup sequence, this watchdog request an acknowledge by the
microcontroller via the SPI within a programmable timing frame, ranging from 2.5 ...
5 ms up to 20 ... 40 ms. Upon a missing or misplaced acknowledge the Startup
Watchdog is initialized.
3.6
Reset
3.6.1
Power-on reset
Upon Power-on (VS > 3.5 V), the internal reset forces the device into a predefined power-On
state (see Section 3.1: General features):
Standby #3: V1 on V2 off V3 off,CAN-Standby mode, ID-Filter disabled, startup watchdog
active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com