Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSJ507 Datasheet(PDF) 1 Page - Micross Components

Part # LSJ507
Description  Linear Systems replaces discontinued Siliconix J507
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSJ507 Datasheet(HTML) 1 Page - Micross Components

  LSJ507 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web:
www.micross.com/distribution.aspx
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
The Linear Systems LSJ507 is a ± 20% range current regulator
LSJ507
Current Regulator Diode
LSJ507 Applications:
•
Constant-Current Supply
•
Current-Limiting
•
Timing Circuits
The LSJ507 is a ±20% range current regulator designed for
demanding applications in test equipment and instrumentation.
The LSJ507 utilizes JFET techniques to produce a single two-
leaded device which is extremely simple to operate.
•
Two-Lead Plastic Package
•
Guaranteed ±20% Tolerance
•
Operation up to 50V
•
Excellent Temperature Stability
•
Simple Series Circuitry, No Separate Voltage Source
•
Tight Guaranteed Circuit Performance
•
Excellent Performance in Low-Voltage/Battery Circuits
and High-Voltage Spike Protection
•
High Circuit Stability vs. Temperature
Linear Systems replaces discontinued Siliconix J507
Notes:
1. Absolute maximum ratings are limiting values above which serviceability may be impaired.
2. Pulsed, t = 2ms. Maximum VF where IF < 1.1IF(max).
3. Pulsed, t = 2ms. Continuous currents may vary.
4. Pulsed, t = 2ms. Continuous impedances may vary.
5. Min VF required to ensure IF = 0.8IF(min).
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Please contact Micross for full package and die dimensions
Available
Packages:
TO-92
Bare Die.
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Please contact Micross for full package and die dimensions
LSJ507 Availability:
SOT-23
Bare die
45V
350mW
LSJ507


Similar Part No. - LSJ507

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJ507_SOT-23 MICROSS-LSJ507_SOT-23 Datasheet
597Kb / 1P
Current Regulator Diode
LSJ507_TO-92 MICROSS-LSJ507_TO-92 Datasheet
535Kb / 1P
Current Regulator Diode
More results

Similar Description - LSJ507

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J507 MICROSS-J507 Datasheet
535Kb / 1P
Linear Systems replaces discontinued Siliconix J507
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com