Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0872 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0872
Description  Digital Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0872 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0872 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
HCPL-0872 Digital Interface IC
Because the two inputs are multiplexed, only one con-
version at a time can be made and not all features are
available for the second channel. The available features
for both channels are shown in the table below
Pin Description, Digital Interface IC
Symbol
Description
CCLK
Clock input for the Serial Configuration Interface (SCI). Serial Configuration data is clocked in on the
rising edge of CCLK.
CLAT
Latch input for the Serial Configuration Interface (SCI). The last 8 data bits clocked in on CDAT by
CCLK are latched into the appropriate configuration register on the rising edge of CLAT.
CDAT
Data input for the Serial Configuration Interface (SCI). Serial configuration data is clocked in MSB
first.
MCLK1
Channel 1 Isolated Modulator clock input. Input Data on MDAT1 is clocked in on the rising edge of
MCLK1.
MDAT1
Channel 1 Isolated Modulator data input.
MCLK2
Channel 2 Isolated Modulator clock input. Input Data on MDAT2 is clocked in on the rising edge of
MCLK2.
MDAT2
Channel 2 Isolated Modulator data input.
GND
Digital ground.
VDD
Supply voltage (4.5 V to 5.5 V).
CHAN
Channel select input. The input level on CHAN determines which channel of data is used during the
next conversion cycle. An input low selects channel 1, a high selects channel 2.
SCLK
Serial clock input. Serial data is clocked out of SDAT on the falling edge of SCLK.
SDAT
Serial data output. SDAT changes from high impedance to a logic low output at the start of a conver-
sion cycle. SDAT then goes high to indicate that data is ready to be clocked out. SDAT returns to a
high-impedance state after all data has been clocked out and CS has been brought high. SDAT goes
high immediately after RESET is released.
CS
Conversion start input. Conversion begins on the falling edge of CS. CS should remain low during
the entire conversion cycle and then be brought high to conclude the cycle.
THR1
Continuous, programmable-threshold detection for channel 1 input data. A high level output on
THR1 indicates that the magnitude of the channel 1 input signal is beyond a user programmable
threshold level between 160 mV and 310 mV. This signal continuously monitors channel 1 indepen-
dent of the channel select (CHAN) signal.
OVR1
High speed continuous over-range detection for channel 1 input data. A high level output on OVR1
indicates that the magnitude of the channel 1 input is beyond full-scale. This signal continuously
monitors channel 1 independent of the CHAN signal.
RESET
Master reset input. A logic high input for at least 100 ns asynchronously resets all configuration reg-
isters to their default values and zeroes the Offset Calibration registers.
5
6
12
11
MDAT1
MCLK2
CS
THR1
CON-
VERSION
INTER-
FACE
CONFIG.
INTER-
FACE
7
10
MDAT2
OVR1
8
9
GND
RESET
1
2
16
15
CCLK
CLAT
VDD
CHAN
3
14
CDAT
SCLK
4
13
MCLK1
SDAT
CH1
CH2
THRES-
HOLD
DETECT
&
RESET
Feature
Channel 1
Channel 2
Conversion Mode
•
•
Offset Calibration
•
•
Pre-Trigger Mode
•
Over-Range Detection
•
Adjustable Threshold
Detection
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com