Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPTHBLD Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # KPTHBLD
Description  Tool Tension Locking Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

KPTHBLD Datasheet(HTML) 1 Page - PANDUIT CORP.

  KPTHBLD Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
• For applications requiring a locking device on either the selector knob (one cross section size and tension only)
or tension level adjustment (but allow cross section size changes)
Tool Tension Locking Kits
• Blade replacement kits can be part of a user’s scheduled maintenance plan or used when cut-offs are not clean and crisp
Blade Replacement Kits
KGTSBLD
• Durable leather construction holster with rivets and extra tie-down strap to hold tool in place – easily fits on belt
Hand Tool Holster
Part Number
Used with
Installation Tool
Contents
Std.
Pkg.
Qty.
KGTSTL
GTS, GTSL
Lockout cap and screw.
1
KGTHTL
GTH
Lockout cap and screw.
1
KPTSTL
PTS, PTH
Lockout cap and screw.
1
TTLK3
GS2B, GS4H, PPTS
Selection locking clip and screws.
1
Hand Tool Accessories:
KGTHTL
Part Number
Used with
Installation Tool
Contents
Std.
Pkg.
Qty.
KGTSBLD
GTS, GTSL, PTS
Threadlocker, screw, washer and
replacement blade.
1
KGTHBLD
GTH
Threadlocker, screw, and replacement blade.
1
K2-BLD2
GS2B, PPTS
Threadlocker, screws, and replacement blade.
1
K4H-BLD
GS4H
Threadlocker, screws, and replacement blade.
1
K4EH-BLD
GS4EH
Threadlocker, screw, and replacement blade.
1
KPTHBLD
PTH
Threadlocker, screw, and replacement blade.
1
Part Number
Used with
Installation Tool
Color
Std.
Pkg.
Qty.
GHH
GTS, GTSL, GS2B, GTH, GS4H,
GS4EH, PTS, PPTS, ST3EH
Black
1
KGTSSLV
• Cushion sleeve can be added to existing GTS or GTH hand tool
• Reduce the amount of shock an operator may experience while
tensioning and cutting off cable ties
• Reduce operator fatigue
• Unique thermoplastic elastomer material that won’t split or fall off
the tool over time
Part Number
Used with
Installation Tool
Color
Contents
Std.
Pkg.
Qty.
KGTSSLV
GTS
Black
Cushion sleeve and lubricant.
1
KGTHSLV
GTH
Red
Cushion sleeve and lubricant.
1
Cushion Sleeve Kits


Similar Part No. - KPTHBLD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPTH ITT-KPTH Datasheet
83Kb / 1P
Hermetic Industrial Military Transportation
More results

Similar Description - KPTHBLD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SNRCM-250 STMICROELECTRONICS-SNRCM-250 Datasheet
121Kb / 4P
Complete, full-featured tool kits for ZigBee® based networks
21-May-2007
logo
List of Unclassifed Man...
EF85 ETC2-EF85 Datasheet
359Kb / 4P
PENTODE DE TENSION
logo
Richco, Inc.
TCG1-2.500-23 RICHCO-TCG1-2.500-23 Datasheet
36Kb / 1P
TENSION CARD GUIDE
logo
Glenair, Inc.
600-086 GLENAIR-600-086 Datasheet
185Kb / 1P
600-086 & 600-072 Field Tool Kits
logo
Molex Electronics Ltd.
130127-0007 MOLEX2-130127-0007 Datasheet
44Kb / 1P
Super-Safeway짰 Receptacle Tension Tester & Receptacle Tension Tester
logo
Tyco Electronics
58241-1 MACOM-58241-1 Datasheet
129Kb / 2P
Shielding Enclosure Expansion Tool Kits
logo
Molex Electronics Ltd.
1301270007 MOLEX11-1301270007 Datasheet
32Kb / 1P
Super-Safeway Receptacle Tension Tester & Receptacle Tension Tester in Carrying Case
logo
PHOENIX CONTACT
3024274 PHOENIX-3024274 Datasheet
45Kb / 2P
Actuation tool, for actuating the tension spring, 10-pos.
logo
Molex Electronics Ltd.
ATS-192890004 MOLEX-ATS-192890004 Datasheet
99Kb / 3P
These Specifications also apply to older style HHS Tool Kits
06-01-06
ATS-192900001 MOLEX-ATS-192900001 Datasheet
96Kb / 3P
These Specifications also apply to older style HHS Tool Kits
06-01-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com