Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2008 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SK2008
Description  Silicon N-Channel MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2008 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK2008 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2008 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2008 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2008 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2008 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2008 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK2008
4
0
30
60
90
50
100
150
Case Temperature Tc (°C)
Power vs. Temperature Derating
Maximum Safe Operation Area
0.1
0.3
1
3
10
30
100
1
3
10
30
100 300
1000
Drain to Source Voltage V
(V)
DS
Ta = 25°C
Operation in this
area is limited
by RDS(on)
3
Pulse Width PW (s)
1.0
0.1
0.3
D = 1
10
µ
0.03
0.01
100
µ
10 m
100 m
1
10
1 m
TC = 25°C
0.5
0.2
0.1
0.05
0.02
0.01
1 Shot
Pulse
Normalized Transient Thermal Impedance vs. Pulse Width
T
PW
PDM
D =
T
PW
θch–c (t) = γ
S (t) · θch–c
θch–c = 2.08°C/W, T
C = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com