Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB0806 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RB0806
Description  It denotes the values at the maximum energy absorption per one cycle.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RB0806 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RB0806 Datasheet HTML 1Page - List of Unclassifed Manufacturers RB0806 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
How to Order
Shock Absorber
Series
RB
Specifications
RB0805
RBC0805
0.98
5
80
245
1.96
3.83
15
16
RB0806
RBC0806
2.94
6
80
245
1.96
4.22
15
16
RB1006
RBC1006
3.92
6
70
422
4.22
6.18
23
25
RB1007
RBC1007
5.88
7
70
422
4.22
6.86
23
25
RB1411
RBC1411
14.7
11
45
814
6.86
15.30
65
70
RB1412
RBC1412
19.6
12
45
814
6.86
15.98
65
70
RB2015
RBC2015
58.8
15
25
1961
8.34
20.50
150
165
RB2725
RBC2725
147
25
10
2942
8.83
20.01
350
400
0.05 to 5.0
–10 to 80 (No freezing)
Basic type
With cap
Extended
Retracted
Basic type
With cap
Weight (g)
Max. energy absorption (J)
Stroke absorption (mm)
Collision speed (m/s)
Max. operating frequency ∗
(cycle/min)
Max. allowable thrust (N)
Ambient temperature range (
°C)
Model
Specifications
RB
RBC
C
C 14 12
08
Cushion
Nil
C
Basic type
With cap
Nil
S
J
Applicable model
08
10
14
RBC0805, 0806
RBC1006, 1007
RBC1411, 1412
20
27
RBC2015
RBC2725
Option
O.D thread—Stroke absorption
Replacement part no./Cap (Resin part only)
Cap
Cap cannot be mounted for basic type. Please place an order with cap type from the beginning.
Spring force
(N)
None
With stopper nut
Add’l 1 hex. nut (Total: 3 pcs.
∗)
∗ It denotes the values at the maximum energy absorption per one cycle.
Max. operation cycle/min can increase in proportion to energy absorption.
∗ 2 mounting hexagon nuts are
attached as standard.
Component Parts
No.
q
w
e
r
t
y
u
i
o
!0
!1
!2
!3
!4
!5
!6
!7
Material
Rolled steel
Special steel
Special steel
Special steel
Special bearing material
Carbon steel
Copper
Piano wire
Copper alloy
Carbon steel
Bearing steel
Special steel
NBR
NBR
NBR
NBR
NBR
Treatment
Gray coated
Heat treated
Electroless nickel plated
Heat treated
Zinc chromated
Zinc chromated
Zinc chromated
Foam rubber
Only RB(C)2015, 2725
Description
Outer tube
Inner tube
Piston rod
Piston
Bearing
Spring guide
Lock ring
Return spring
Seal holder
Stopper
Steel ball
Set screw
Accumulator
Rod seal
Scraper
Gasket
Gasket
Basic type
With cap
Construction
Extended
Compressed
10-18-2


Similar Part No. - RB0806

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB0805 ETC2-RB0805 Datasheet
633Kb / 14P
Absorbing impact and noise
logo
Allied Components Inter...
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
Radial Bobbin Inductors
RB0807-100K-RC ALLIED-RB0807-100K-RC Datasheet
383Kb / 1P
Radial Bobbin Inductors
RB0807-100K-RC ALLIED-RB0807-100K-RC Datasheet
383Kb / 1P
Radial Bobbin Inductors
RB0807-101K-RC ALLIED-RB0807-101K-RC Datasheet
383Kb / 1P
Radial Bobbin Inductors
More results

Similar Description - RB0806

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1050 CYMBET-AN-1050 Datasheet
1Mb / 6P
Using the EnerChip Energy Harvesters with the TI LaunchPad
logo
IK Semicon Co., Ltd
IL9002 IKSEMICON-IL9002 Datasheet
386Kb / 4P
As per the structure and the performed functions
logo
List of Unclassifed Man...
AOC-UTG-I2 ETC2-AOC-UTG-I2 Datasheet
310Kb / 1P
The Lowest Cost Per-Port and Energy-Efficient 10 Gigabit Adapter
logo
TE Connectivity Ltd
408-10465 TEC-408-10465 Datasheet
60Kb / 1P
Remove the four screws at the bottom of the light
logo
Delta Electronics, Inc.
DSP06090 DELTA-DSP06090 Datasheet
355Kb / 4P
the working cycle from 1 min.
DSP12050 DELTA-DSP12050 Datasheet
347Kb / 4P
the working cycle from 1 min.
DSP12090 DELTA-DSP12090 Datasheet
363Kb / 4P
the working cycle from 1 min.
DSP16065 DELTA-DSP16065 Datasheet
311Kb / 4P
the working cycle from 1 min.
logo
PHOENIX CONTACT
2702497 PHOENIX-2702497 Datasheet
101Kb / 5P
The output values are depicted in standardized representation format.
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com