Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBAS50R0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBAS50R0
Description  Alphanumeric Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBAS50R0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBAS50R0 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
QBAS50XXZ_series
0.50” Single Digit
Alphanumeric Display
Product: QBAS50XXZ_series
Date: February 1, 2012
Page 2 of 10
Version# 1.0
Electrical / Optical Characteristic (T=25
oC)
Product
Material
Color
IF(mA)
VF(V)
λD
(nm)
λP
(nm)
IV*(mcd)
CC
CA
Typ. Max
Typ.
Typ.
Typ.
QBAS50R1
QBAS50R0
AlInGaP
Red
20
2.1
2.5
630
640
20
QBAS50Y1
QBAS50Y0
AllnGaP
Yellow
20
2.1
2.5
590
592
26
QBAS50AG1 QBAS50AG0
AllnGaP
Yellow Green
20
2.1
2.5
570
572
10
* Per segment
Absolute Maximum Rating
Material
Pd
(mW)
Derating liner from 25
oC per dice (mA/ oC)
IF (mA) I*PF (mA) VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
AllnGaP
65
0.33
25
90
5
-25 to + 85 -25 to +85
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 5 sec @ 260
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com