Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBPP0130C-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBPP0130C-R
Description  Super Flux LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBPP0130C-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBPP0130C-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBPP0130C-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBPP0130C-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBPP0130C-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBPP0130C-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBPP0130C-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
QBPP0130C-XX
Super Flux LED
Product: QBPP0130C-XX
Date: June 25, 2011
Page 2 of 6
Version# 1.0
Electrical / Optical Characteristic (TA=25 oC)
Product
Color
IF(mA)
VF(V)
λD (nm)
ΦV(mlm)
Typ.
max
Min.
Typ.
Max.
Min
Typ.
QBPP0130C-R
Red
20
2.3
2.7
620
---
630
1630
3000
QBPP0130C-Y
Yellow
20
2.3
2.7
585
---
597
1250
2500
Absolute Maximum Rating
Material
Pd (mW) IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
AlInGaP
200
70
100
5
-30 to +80
-40 to +100
260
*Duty 1/10 @0.1ms Pulse Width
** IR Reflow for no more than 5 sec @ 260
oC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com