Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2124S Datasheet(PDF) 13 Page - International Rectifier

Part # IRS2124S
Description  Floating channel designed for bootstrap operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2124S Datasheet(HTML) 13 Page - International Rectifier

Back Button IRS2124S Datasheet HTML 9Page - International Rectifier IRS2124S Datasheet HTML 10Page - International Rectifier IRS2124S Datasheet HTML 11Page - International Rectifier IRS2124S Datasheet HTML 12Page - International Rectifier IRS2124S Datasheet HTML 13Page - International Rectifier IRS2124S Datasheet HTML 14Page - International Rectifier IRS2124S Datasheet HTML 15Page - International Rectifier IRS2124S Datasheet HTML 16Page - International Rectifier IRS2124S Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IRS2123S, IRS2124S
www.irf.com
© 2008 International Rectifier
13
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125
Max .
Typ.
Temperature (oC)
Figure 7A. VBS Supply Current
vs. Temperature
0
40
80
120
160
200
240
-50
-25
0
25
50
75
100
125
Temperature (oC)
MA X .
T YP.
Figure 8A. VBS Supply Current
vs. Temperature
0
200
400
600
800
1000
-50
-25
0
25
50
75
100 125
Temperature (oC)
Max.
Typ.
Figure 9A. Vcc Supply Current
vs. Temperature
0
200
400
600
800
1000
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
T yp.
Max .
6
8
10
12
14
16
-50
-25
0
25
50
75
100 125
Temperat ure (oC)
Max.
Typ.
Mi n.
6
8
10
12
14
16
-50
-25
0
25
50
75
100 125
Temperat ure (oC)
Max.
TYP.
MIN.
Figure 10B. Vcc Supply Undervoltage
Threshold (-) vs. Temperature
Figure 9B. Vcc Supply Current
vs. Supply Voltage
Figure 10A. Vcc Supply Undervoltage
Threshold (+) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com