Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC-8-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # ABC-8-R
Description  1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ABC-8-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  ABC-8-R Datasheet HTML 1Page - Cooper Bussmann, Inc. ABC-8-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Fast-acting
• Optional axial leads available
• 1⁄4˝ x 1 1⁄4˝ (6.4 x 31.7mm) physical size
• Ceramic tube, nickel-plated brass endcap construction
• UL Listed product meets standard 248-14
Agency Information
• UL Listed: Guide JDYX & File E19180.
• UL Recognition: Guide JDYX2 & File E19180.
• CSA Certification: Class 1422-01 & 1422-03, File
53787.
Environmental Data
• Shock: 1⁄4-30A – MIL-STD-202,
Method 213, Test Condition J
• Vibration: 1⁄4-30A – MIL-STD-202,
Method 204, Test Condition C (Except 5g, 500HZ)
Ordering
• Specify packaging, product, and option code
Dimensions - mm (in)
Drawing Not to Scale
Electrical Characteristics
% of Amp Rating
Opening Time
100%
4 Hours Minimum
135%
60 Minutes maximum
200%
120 Seconds Maximum
1
⁄4˝ x 1 1⁄4˝ Fast-Acting Ceramic Tube Fuses
ABC Series
* Interrupting ratings measured at 70% - 80% power factor on AC. The interrupting ratings for 18A and 20A were measured at 85% - 95% power factor on AC. The interrupting ratings for 25A and 30A were
measured at 89% power factor on AC.
** Typical DC cold resistance measured at <10% of rated current.
† Typical melting I
2t measured at listed interrupting rating and rated voltage.
‡ Typical voltage drop measured at 25°C±3°C ambient temperature at rated current.
‡‡ CSA approvals for 25A and 30A are at 125Vac - IR 1000A and 125Vdc - IR 400A (IR 1000A at 75Vdc)
Specifications
Voltage
Vac Interrupting
Vdc Interrupting
Typical
Part
Ratings
Ratings* (amps)
Ratings (amps)
Typical DC Cold
Typical
Voltage
Agency Approvals
Number
Vac
Vdc
250
125
125
75
Resistance (
Ω
Ω)**
Pre-Arc I2t AC†
Drop (mV)‡
UL
UR
CSA
ABC-1/4-R
250
125
35
10,000
10,000
–
2.950
0.0020
0.35
X
X
ABC-1/2-R
250
125
35
10,000
10,000
–
0.587
0.0390
0.41
X
X
ABC-3/4-R
250
125
35
10,000
10,000
–
0.300
0.1450
0.32
X
X
ABC-1-R
250
125
35
10,000
10,000
–
0.1950
0.4310
0.3
X
X
ABC-1-1/2-R
250
125
100
10,000
10,000
–
0.131
1.1630
0.28
X
X
ABC-2-R
250
125
100
10,000
10,000
–
0.0890
2.1670
0.31
X
X
ABC-2-1/2-R
250
125
100
10,000
10,000
–
0.061
4.4670
0.23
X
X
ABC-3-R
250
125
100
10,000
10,000
–
0.047
6.55
0.14
X
X
ABC-4-R
250
125
200
10,000
10,000
–
0.031
22.28
0.17
X
X
ABC-5-R
250
125
200
10,000
10,000
–
0.026
32.83
0.22
X
X
ABC-6-R
250
125
200
10,000
10,000
–
0.021
58
0.19
X
X
ABC-7-R
250
125
200
10,000
10,000
–
0.016
109.33
0.17
X
X
ABC-8-R
250
125
200
10,000
10,000
–
0.014
116.5
0.19
X
X
ABC-10-R
250
125
200
10,000
10,000
–
0.011
208.8
0.15
X
X
ABC-12-R
250
125
750
10,000
10,000
–
0.0068
133.3
0.1
X
X
ABC-15-R
250
125
750
10,000
10,000
–
0.00553
200.2
0.1
X
X
ABC-18-R
250
–
400
1000
–
–
0.00465
400
0.1
X
X
ABC-20-R
250
125
400
1000
10,000
–
0.00366
550.8
0.1
X
X
ABC-25-R
250
125
200
1000
400
1000
0.0028
839.3
0.09
X
X‡‡
ABC-30-R
250
125
200
1000
400
1000
0.002225
1429
0.09
X
X‡‡
38.10
(1.500)
(REF)
32.82±0.79
(1.292±0.031)
38.10
(1.500)
(REF)
6.76
(0.266)
31.75±0.79
(1.250±0.031)
6.48
(0.255)
6.35±0.1
(0.250±0.0)
0.81
(0.032)
1.02
(0.040)
0-15 Amp:
(REF)
18-30 Amp:
(REF)
DIA. OF LEADS
0909
BU-SB09836
Page 1 of 2
Data Sheet 2000


Similar Part No. - ABC-8-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ABC-8-R COOPER-ABC-8-R Datasheet
210Kb / 2P
Fast-acting, ceramic tube Optional axial leads available
ABC-8-R COOPER-ABC-8-R Datasheet
210Kb / 2P
ABC Series, Fast-Acting, Ceramic Tube
logo
Eaton All Rights Reserv...
ABC-8-R EATON-ABC-8-R Datasheet
260Kb / 2P
1????x 1 1????Fast-acting ceramic tube fuses
More results

Similar Description - ABC-8-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BKABC-20-R COOPER-BKABC-20-R Datasheet
210Kb / 2P
1????x 1 1????Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
BKAGC-2 COOPER-BKAGC-2 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1?? Glass Tube Fuses
AGC-V-4 COOPER-AGC-V-4 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1/4 Glass Tube Fuses AGC Series
MDA-14-R COOPER-MDA-14-R Datasheet
280Kb / 2P
1/4? x 1 1/4? Ceramic Tube Fuses
AGW-1 COOPER-AGW-1_13 Datasheet
215Kb / 2P
Fast-Acting 1/4??x 7/8??Glass Tube Fuses
logo
Eaton All Rights Reserv...
AGC EATON-AGC Datasheet
492Kb / 2P
1/4??x 1 1????Fast-acting glass tube fuses
ABC EATON-ABC Datasheet
260Kb / 2P
1????x 1 1????Fast-acting ceramic tube fuses
AGX EATON-AGX Datasheet
409Kb / 2P
1/4??x 1??Fast-acting glass tube fuses
GBB EATON-GBB Datasheet
213Kb / 2P
1??" x 1 1??" Very-fast acting ceramic tube fuses
AGC EATON-AGC_V01 Datasheet
953Kb / 5P
1/4” x 1-1⁄4” Fast-acting glass tube fuses
2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com