Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY1N80P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTY1N80P
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY1N80P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTY1N80P Datasheet HTML 1Page - IXYS Corporation IXTY1N80P Datasheet HTML 2Page - IXYS Corporation IXTY1N80P Datasheet HTML 3Page - IXYS Corporation IXTY1N80P Datasheet HTML 4Page - IXYS Corporation IXTY1N80P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA1N80P
IXTP1N80P
IXTU1N80P
IXTY1N80P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min. Typ.
Max.
g
fs
V
DS = 20V, ID = 0.5 • ID25, Note 1
0.30
0.55
S
C
iss
250
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
22
pF
C
rss
5.3
pF
t
d(on)
20
ns
t
r
18
ns
t
d(off)
58
ns
t
f
42
ns
Q
g(on)
9.0
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
1.4
nC
Q
gd
5.5
nC
R
thJC
3.0
°C/W
R
thCS
(TO-220)
0.50
°C/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0V
1 A
I
SM
Repetitive, Pulse Width Limited by T
JM
4 A
V
SD
I
F = IS, VGS = 0V, Note 1
1.3 V
t
rr
700
ns
Note 1: Pulse Test, t
≤ 300μs; Duty Cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 50Ω (External)
I
F = 1A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com