Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH22N50P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH22N50P
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH22N50P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH22N50P Datasheet HTML 1Page - IXYS Corporation IXTH22N50P Datasheet HTML 2Page - IXYS Corporation IXTH22N50P Datasheet HTML 3Page - IXYS Corporation IXTH22N50P Datasheet HTML 4Page - IXYS Corporation IXTH22N50P Datasheet HTML 5Page - IXYS Corporation IXTH22N50P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
DS99351G(07/09)
V
DSS
= 500V
I
D25
= 22A
R
DS(on)
≤≤≤≤≤ 270mΩ
Ω
Ω
Ω
Ω
t
rr(typ)
= 400ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C22
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
50
A
I
A
T
C = 25°C22
A
E
AS
T
C = 25°C
750
mJ
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
350
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-247 & TO-3P)
1.13/10
Nm/lb.in.
F
C
Mounting Force (PLUS220)
11..65/2.5..14.6
N/lb.
Weight
PLUS220 types
4.0
g
TO-3P
5.5
g
TO-247
6.0
g
IXTV22N50P
IXTV22N50PS
IXTQ22N50P
IXTH22N50P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
500
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.0
5.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS= 0V
5
μA
T
J = 125°C
50 μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
270 m
Ω
PolarTM
Power MOSFET
s
G = Gate
D
= Drain
S = Source
TAB = Drain
Features
International Standard Packages
Avalanche Rated
Fast Intrinsic Diode
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switched-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
PLUS220SMD (IXTV_S)
PLUS220 (IXTV)
G
D
S
D (TAB)
G
S
TO-247 (IXTH)
D (TAB)
D (TAB)
TO-3P (IXTQ)
D (TAB)
G
D
S


Similar Part No. - IXTH22N50P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH22N50P ISC-IXTH22N50P Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH22N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN62N50L IXYS-IXTN62N50L Datasheet
136Kb / 2P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTJ4N150 IXYS-IXTJ4N150 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH34N60X2A IXYS-IXFH34N60X2A Datasheet
175Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH60N60X2A IXYS-IXFH60N60X2A Datasheet
156Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFT30N85XHV IXYS-IXFT30N85XHV Datasheet
263Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F160N30T IXYS-MMIX1F160N30T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F180N25T IXYS-MMIX1F180N25T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F230N20T IXYS-MMIX1F230N20T Datasheet
231Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFK150N30P3 IXYS-IXFK150N30P3 Datasheet
131Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH80N65X2-4 IXYS-IXFH80N65X2-4 Datasheet
188Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com