Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBTS561R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QBTS561R
Description  0.56??Three Digit Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBTS561R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QBTS561R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBTS561R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBTS561R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBTS561R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBTS561R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBTS561R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBTS561R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBTS561R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBTS561R Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
QBTS56ZXX
0.56” Three Digit Display
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBTS56ZXX
Date: March 24, 2014
Page 9 of 10
Version# 1.1
Ordering Information
Product
Orderable Part #
Spec Range
Quantity per Reel
CC
CA
CC
CA
QBTS561R
QBTS560R
QBTS561R
QBTS560R
Iv=25 mcd Typ. @
IF = 20mA/
Color: 625nm Typ.
600
QBTS561AG
QBTS560AG
QBTS561AG
QBTS560AG
Iv=10 mcd Typ. @
IF = 20mA/
Color: 570nm Typ.
600



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com