Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP18 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # LSP18
Description  14 Watt Constant Current AC/DC LED Drivers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

LSP18 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  LSP18 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T
TT
T
Tumb
umb
umb
umb
umbler
ler
ler
ler
ler T
TT
T
Tec
ec
ec
ec
echnolo
hnolo
hnolo
hnolo
hnologies +
gies +
gies +
gies +
gies + TR
TR
TR
TR
TRUMP
UMP
UMP
UMP
UMPooooow
w
w
w
wer
er
er
er
er
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
TRUMPower
408-988-6616
E-mail: sales@trumpower.com • Website: www.TRUMPower.com
LSP18 Series
14 Watt Constant Current AC/DC LED Drivers
FEATURES
• 90 - 264 VAC Universal Input
• Constant Current Design
• Over Voltage and Over Power Protections
• Over Temperature and Short Circuit Protections
• Line Fuse Protection
• High Reliability
• Long Life
• 100% Hi-Pot Test
• 100% Burn-In Test
• Meets EN55015 and EN61347-2-13
• Class II and CE Compliant
GENERAL SPECIFICATIONS
Input Voltage ................................................................ 90 to 264VAC
Input Frequency ............................................................... 47 to 63Hz
Input Power Factor .......................................... PF > 0.95 @ 100VAC
Input Current .................. 0.18A typ @ 100VAC / 0.10A typ @ 220VAC
Inrush Current .................................................................. 30A max.*
Leakage Current .............................. 0.25mA max @ 240VAC, 50Hz
MTBF ............................................. 100,000 hours @ 25ºC ambient
Operating Temperature .............................................. -20ºC to 60ºC
Storage Temperature .................................................. -20ºC to 85ºC
Dimensions (LxWxH) ............................... 6.10 x 1.10 x 0.67 inches
* At 25ºC cold start, max. load @ 242VAC
MECHANICAL DRAWING
LSP18 MODELS
STANDARDS AND APPROVALS
Safety Compliance:
Designed to meet Class II and CE
EMI Standards:
Designed to meet EN55015 and EN61347-2-13
EMS Standards:
IEC-61000-4-2, 8KV (Criteria B)
IEC-61000-4-4, 1KV (Criteria B)
IEC-61000-4-5, 1KV (Criteria B)
MODEL
Output Power
Output Voltage
Output Current
Efficiency
LSP18-46-350
16 W
22.5V - 46V
350mA
78%
LSP18-28-600
16 W
21V - 28V
600mA
80%
LSP18-28-500
14 W
21V - 28V
500mA
80%


Similar Part No. - LSP18

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
LSP1800 BOURNS-LSP1800 Datasheet
281Kb / 3P
LED Shunt Protector
LSP1800AJR-S BOURNS-LSP1800AJR-S Datasheet
281Kb / 3P
LED Shunt Protector
LSP1800AJR-S BOURNS-LSP1800AJR-S Datasheet
281Kb / 3P
LED Shunt Protector
LSP1800BJR-S BOURNS-LSP1800BJR-S Datasheet
293Kb / 6P
LED Shunt Protector
LSP1800BJR-S BOURNS-LSP1800BJR-S Datasheet
284Kb / 3P
LED Shunt Protector
More results

Similar Description - LSP18

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD48 MPD-LD48 Datasheet
639Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
logo
PAIRUI GROUP INC.
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
Constant current LED Drivers
LNU-5C PAIRUI-LNU-5C Datasheet
366Kb / 3P
Constant current LED Drivers
LMSB-20C PAIRUI-LMSB-20C Datasheet
345Kb / 3P
Constant current LED Drivers
LMSA-20C PAIRUI-LMSA-20C Datasheet
349Kb / 3P
Constant current LED Drivers
LMB-15C PAIRUI-LMB-15C Datasheet
355Kb / 3P
Constant current LED Drivers
logo
Tumbler Technologies + ...
LSP30 TRUMPOWER-LSP30 Datasheet
44Kb / 1P
24-30 Watt AD/DC Constant Current LED Drivers
logo
MicroPower Direct, LLC
LD24-XX-XXW MPD-LD24-XX-XXW Datasheet
614Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
LD48-XX-XXW MPD-LD48-XX-XXW Datasheet
639Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
LDB24-XXX MPD-LDB24-XXX Datasheet
438Kb / 4P
Compact, Boost Constant Current DC/DC LED Drivers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com