Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP30 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # LSP30
Description  24-30 Watt AD/DC Constant Current LED Drivers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

LSP30 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  LSP30 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T
TT
T
Tumb
umb
umb
umb
umbler
ler
ler
ler
ler T
TT
T
Tec
ec
ec
ec
echnolo
hnolo
hnolo
hnolo
hnologies +
gies +
gies +
gies +
gies + TR
TR
TR
TR
TRUMP
UMP
UMP
UMP
UMPooooow
w
w
w
wer
er
er
er
er
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
TRUMPower
408-988-6616
E-mail: sales@trumpower.com • Website: www.TRUMPower.com
LSP30 Series
24-30 Watt AD/DC Constant Current LED Drivers
FEATURES
• 90 - 267 VAC Universal Input
• Constant Current Design
• Over Voltage and Over Power Protections
• Over Temperature and Short Circuit Protections
• Application for LED Indoor Lighting
• High Reliability
• Long Life
• 100% Hi-Pot Test
• 100% Burn-In Test
LSP30-46-600 SPECIFICATIONS
Input Voltage ................................................................ 90 to 267VAC
Input Frequency ............................................................... 47 to 63Hz
Input Power Factor ......................................... PF > 0.95, @ 100VAC
Input Current ................. 0.28A typ, @ 100VAC, 0.14A typ, @ 242VAC
Inrush Current .................................................................... 30A max*
Leakage Current ............................. 0.25mA max @ 240VAC, 50 Hz
MTBF ............................................. 100,000 hours @ 25ºC ambient
Operating Temperature .............................................. -20ºC to 60ºC
Storage Temperature .................................................. -20ºC to 85ºC
Dimensions (LxWxH) ............................... 6.89 x 1.18 x 0.75 inches
* At 25ºC cold start, max. load @ 242VAC
MECHANICAL DRAWING
STANDARDS AND APPROVALS
Safety Compliance:
Designed to meet Class II, UL1310, and CE
EMI Standards:
Designed to meet EN 55015 and EN 61347
EMS Standards:
IEC-61000-4-2, 8KV (Criteria B)
IEC-61000-4-4, 4KV (Criteria B)
IEC-61000-4-5, 3KV (Criteria B)
LSP30 MODELS
MODEL
Output Power
Output Voltage
Output Current
Efficiency
LSP30-46-600
30 W
22.5V - 46V
600mA
80%
LSP30-48-500
24 W
24V - 48V
500mA
75%


Similar Part No. - LSP30

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
Plane 3 mm (T1) LED, Non Diffused
LSP380-MP SIEMENS-LSP380-MP Datasheet
270Kb / 8P
Plane 3 mm (T1) LED, Non Diffused
LSP380-N SIEMENS-LSP380-N Datasheet
270Kb / 8P
Plane 3 mm (T1) LED, Non Diffused
LSP380-NQ SIEMENS-LSP380-NQ Datasheet
270Kb / 8P
Plane 3 mm (T1) LED, Non Diffused
LSP380-P SIEMENS-LSP380-P Datasheet
270Kb / 8P
Plane 3 mm (T1) LED, Non Diffused
More results

Similar Description - LSP30

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD48 MPD-LD48 Datasheet
639Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
logo
PAIRUI GROUP INC.
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
Constant current LED Drivers
LNU-5C PAIRUI-LNU-5C Datasheet
366Kb / 3P
Constant current LED Drivers
LMSB-20C PAIRUI-LMSB-20C Datasheet
345Kb / 3P
Constant current LED Drivers
logo
Tumbler Technologies + ...
LIS12 TRUMPOWER-LIS12 Datasheet
54Kb / 1P
12 Watt Constant Current AD/DC LED Power Supplies
LIS25 TRUMPOWER-LIS25 Datasheet
59Kb / 1P
Constant Current AD/DC LED Drivers with Dimming Control
LSP18 TRUMPOWER-LSP18 Datasheet
51Kb / 1P
14 Watt Constant Current AC/DC LED Drivers
logo
MicroPower Direct, LLC
LD24-XX-XXW MPD-LD24-XX-XXW Datasheet
614Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
LD48-XX-XXW MPD-LD48-XX-XXW Datasheet
639Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
LDB24-XXX MPD-LDB24-XXX Datasheet
438Kb / 4P
Compact, Boost Constant Current DC/DC LED Drivers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com