Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD40 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # PD40
Description  40 WATT DC TO DC CONVERTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PD40 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  PD40 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PD40 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower PD40 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC TO DC CONVERTERS
PD40 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
(1)(2)
Output #1
Output #2
Output #3
Output
Model
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Power(3)
PD40-10
5V
0A
8.0A
2%
(N/A)
(N/A)
40W
PD40-12
12V
0A
3.5A
1%
(N/A)
(N/A)
40W
PD40-13
15V
0A
3.0A
1%
(N/A)
(N/A)
40W
PD40-14
24V
0A
2.0A
1%
(N/A)
(N/A)
40W
PD40-23
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
(N/A)
40W
PD40-24
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
(N/A)
40W
PD40-25
+5V
0.5A
3.0A
3%
+24V
0.1A
1A
5%
(N/A)
40W
PD40-30
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
-5V
0A
0.8A
5%
40W
PD40-31
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
-12V
0A
0.8A
5%
40W
PD40-32
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
-15V
0A
0.8A
5%
40W
PD40-33
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
-12V
0A
0.8A
5%
40W
PD40-39
+5V
0.5A
3.0A
3%
+24V
0.1A
1A
5%
-12V
0A
0.8A
5%
40W
Notes:
(1) All multi-output units may be operated at no-load without damage.
At no-load, output tolerance increases to 10%.
(2) Suffix codes for mechanical format and input range are as follows.
PD40-XXYZ; “XX” is the model code from the
above table, “Y” is the input range (L=10-30 VDC, M=20-60 VDC, H=30-90 VDC) and “Z” is the mechanical format
(A=open PCB, B=L-bracket, C=enclosed), e.g. PD40-31MC (20-60 VDC input range, enclosed).
(3) “L” series is suitable only for 75% of the above stated maximum output power.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector mates with Molex housing
09-50-3041 and Molex 2878 series crimp terminal.
4.
Output connector mates with Molex housing
09-50-3061 and Molex 2878 series crimp terminal.
5.
Weight: 220 grams approx. (PCB format)
6.
See the mechanical details of L-bracket and
enclosed formats in page 7-1.
PIN CHART
PIN
MODEL
1
2
3
4
5
6
PD40-10
PD40-13
PD40-12
PD40-14
OUTPUT
#1
OUTPUT
#1
OUTPUT
#1
RETURN
RETURN
RETURN
PD40-23
PD40-25
PD40-24
OUTPUT
#2
OUTPUT
#1
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
N.C.
PD40-30
PD40-32
PD40-39
PD40-31
PD40-33
OUTPUT
#2
OUTPUT
#1
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#3
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com