Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAL Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TAL
Description  DC/DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TAL Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TAL Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*OUTPUT
POWER
*MODEL NUMBER
OUTPUT
CURRENT
OUTPUT
VOLTAGE
TAL-3S4805
TAL-3S4812
TAL-3S4815
TAL-3S4824
TAL-3D4805
TAL-3D4812
TAL-3D4815
TAL-3D4824
TAL-3S1205
TAL-3S1212
TAL-3S1215
TAL-3S1224
TAL-3D1205
TAL-3D1212
TAL-3D1215
TAL-3D1224
TAL-3S2405
TAL-3S2412
TAL-3S2415
TAL-3S2424
TAL-3D2405
TAL-3D2412
TAL-3D2415
TAL-3D2424
9-18 VDC IN
18-36 VDC IN
36-72 VDC IN
3W
3W
3W
3W
3W
3W
3W
3W
600 mA
250 mA
200 mA
125 mA
±300 mA
±125 mA
±100 mA
±63 mA
5 VDC
12 VDC
15 VDC
24 VDC
±5 VDC
±12 VDC
±15 VDC
±24 VDC
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TAL Series
2:1 Input, 1.5-3 Watt
Low Cost
Low Cost
Low Cost
Low Cost
Low Cost
TRUMPower
DC/DC CONVERTERS
T
Other outputs also available.
*Specify TAL-1xxxxx for 1.5W version, and TAL-2xxxxx for 2W version.
*Add suffix "H" for 3.5KV isolation.
Rev. B3 -01/2008-
PIN SIZE: 0.02 (0.5) DIA.
ALL DIMENSIONS IN INCHES (mm)
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage.......................................................See Table
Nominal Input...............................................12, 24, 48 VDC
Input Filter...........................................................Pi Network
OUTPUT SPECIFICATIONS
Voltage Accuracy...............................................±1%, Max.
Voltage Balance, Dual Outputs...........................±1%, Max.
Line Regulation................................................±0.5%, Max.
Load Regulation, 10%FL-FL...........................±0.5%, Max.
Ripple and Noise, 20MHz BW......................60 mVp-p, Max.
Short Circuit Protection.....................................Continuous
Temperature Coefficient.............................±0.02%/C, Max.
GENERAL SPECIFICATIONS
Efficiency...............................................................75 - 85%
Isolation Voltage, Input to Output......1,500 VDC, Standard
3,500 VDC, Suffix "H"
Isolation Resistance.....................................109 Ohms, Min.
Switching Frequency..............................................250 kHz
Operating Temperature, No Derating..........-25°C to +71°C
Storage Temperature Range....................-40°C to +125°C
Cooling.............................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C...........>1,000k Hours
Weight....................................................0.5 oz. (14 grams)
Case Material.......................Non-Conductive Black Plastic
Metal Case Available Upon Request
PIN #
1,24
2,23
3,22
10,15
11,14
12,13
SINGLE
STANDARD MODELS (1.5KV ISOLATION)
DUAL
+V Input
-V Output
Common
Common
+V Output
-V Input
+V Input
*NC
*NC
-V Output
+V Output
-V Input
*NC: No Connection
PIN #
2,3
9
11
14
16
22,23
SINGLE
SUFFIX "H" MODELS (3.5KV ISOLATION)
DUAL
-V Input
Common
-V Output
+V Output
Common
+V Input
-V Input
No Pin
*NC
+V Output
-V Output
+V Input
0.12 MIN.
(3.0)
0.80
(20.3)
0.60
(15.2)
13
12
BOTTOM
VIEW
0.08
(2.0)
0.10
(2.54)
1.25
(31.8)
1
24
0.40
(10.2)
No pin on other locations.
No pin on other locations.


Similar Part No. - TAL

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TAL-3D1205 TRUMPOWER-TAL-3D1205 Datasheet
30Kb / 1P
DC/DC CONVERTERS 2:1 Input, 1.5-3 Watt
TAL-3D1212 TRUMPOWER-TAL-3D1212 Datasheet
30Kb / 1P
DC/DC CONVERTERS 2:1 Input, 1.5-3 Watt
TAL-3D1215 TRUMPOWER-TAL-3D1215 Datasheet
30Kb / 1P
DC/DC CONVERTERS 2:1 Input, 1.5-3 Watt
TAL-3D1224 TRUMPOWER-TAL-3D1224 Datasheet
30Kb / 1P
DC/DC CONVERTERS 2:1 Input, 1.5-3 Watt
TAL-3D2405 TRUMPOWER-TAL-3D2405 Datasheet
30Kb / 1P
DC/DC CONVERTERS 2:1 Input, 1.5-3 Watt
More results

Similar Description - TAL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com