Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TC6
Description  DC/DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TC6 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TC6 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. C -1/2008-
TC6 Series
2:1 Input, 15 Watt
*MODEL NUMBER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
OUTPUT
POWER
14.8W
15W
15W
15W
15W
15W
15W
4500 mA
3000 mA
1250 mA
1000 mA
±1500 mA
±625 mA
±500 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
TC6-15S123.3
TC6-15S1205
TC6-15S1212
TC6-15S1215
TC6-15D1205
TC6-15D1212
TC6-15D1215
TC6-15S483.3
TC6-15S4805
TC6-15S4812
TC6-15S4815
TC6-15D4805
TC6-15D4812
TC6-15D4815
TC6-15S243.3
TC6-15S2405
TC6-15S2412
TC6-15S2415
TC6-15D2405
TC6-15D2412
TC6-15D2415
18-36 VDC IN
36-72 VDC IN
9-18 VDC IN
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
DC/DC CONVERTERS
T
Other input/output combinations available.
*Add suffix "R" for "remote on/off" option.
*Add suffix "A" for "external trim adjustment" option.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 9-18V Input..................................12 VDC
18-36V Input..................................24 VDC
36-72V Input.................................48 VDC
Input Filter............................................................Pi Filter
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±2%, Max.
Voltage Balance, Dual Output..........................±1%, Max.
Line Regulation, HL-LL..................................±0.5%, Max.
Load Regulation, FL-25%FL............................±1%, Max.
Ripple and Noise, 20MHz BW.......Single, 50mVp-p, Max.
Dual, 75mVp-p, Max.
Short Circuit Protection.................... .............Continuous
Remote On/Off Control, Optional......................Suffix "R"
External Trim Adjustment, Optional; Suffix "A"...... ±10%
GENERAL SPECIFICATIONS
Efficiency........................................................83% - 87%
Isolation Voltage, Input to Output..............500 VDC, Min.
Switching Frequency...................................250 kHz, Typ.
EMI/RFI....................................Meets EN55022 Class A
Operating Temperature Range................-25°C to +71°C
Storage Temperature Range.................-40°C to +100°C
Case Temperature.....................................+100°C, Max.
Cooling.............................................Free Air Convection
Weight.................................................1.2 oz. (34 grams)
Case Material...............Metal with Non-Conductive Base
0.40
(10.2)
2.00
(50.8)
0.60
(15.2)
*NP (NO PIN) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
+IN
-IN
-OUT
+OUT
0.80
(20.3)
0.20
(5.1)
0.60
(15.2)
1.00
(25.4)
BOTTOM VIEW
COM
/NP*
/TRIM
0.10
(2.54)
0.22
(5.6) Min.
0.40
(10.2)
0.40
(10.2)
NP*/
Remote
Option


Similar Part No. - TC6

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC6 TIMOTION-TC6 Datasheet
304Kb / 4P
Over current protection
20141028-C
logo
Tumbler Technologies + ...
TC6-15D1205 TRUMPOWER-TC6-15D1205 Datasheet
23Kb / 1P
DC/DC CONVERTERS 2:1 Input, 15 Watt
TC6-15D1212 TRUMPOWER-TC6-15D1212 Datasheet
23Kb / 1P
DC/DC CONVERTERS 2:1 Input, 15 Watt
TC6-15D1215 TRUMPOWER-TC6-15D1215 Datasheet
23Kb / 1P
DC/DC CONVERTERS 2:1 Input, 15 Watt
TC6-15D2405 TRUMPOWER-TC6-15D2405 Datasheet
23Kb / 1P
DC/DC CONVERTERS 2:1 Input, 15 Watt
More results

Similar Description - TC6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com