Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TES3 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TES3
Description  3 Watts AC/DC Power Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TES3 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TES3 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TES3 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TES3 Series
3 Watts AC/DC Power Modules
TES3-2011-0121
MECHANICAL DRAWINGS
DERATING
Power Derating Curve
.
O
N
N
I
P
N
O
I
T
C
N
U
F
1
)
L
(
N
I
C
A
2
)
N
(
N
I
C
A
3
T
U
O
C
D
+
4
T
U
O
C
D
-
TYPE B
TYPE A
24V Model
3.3V Model
Other Models
Unit: mm
Tolerance: ±0.1mm
Unit: mm
PCB: 1.0mm
Tolerance: ±0.1mm
PCB Footprint - Bottom View



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com