Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5148 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SC5148
Description  Silicon NPN Triple Diffused Planar Ttransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC5148 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SC5148 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
1200
V
Collector-Emitter Voltage
V
CEO
700
V
Emitter-Base Voltage
V
EBO
6.0
V
Collector Current
I
C
6.0
A
Base Current
I
B
3.0
A
Total Dissipation at
P
tot
50
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
2SC5148
Application:
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CBO
V
CB = 1000V, IE = 0
—
—
5.0
uA
Emitter Cut-off Current
I
EBO
V
EB = 6.0V, IC
=0
—
—
5.0
uA
Collector-Emitter Sustaining Voltage
V
CEO
I
C = 2.0mA, IB = 0
700
—
—
V
DC Current Gain
h
FE(1)
V
CE = 5.0V, IC = 1.0A
10
—
30
h
FE(2)
V
CE = 5.0V, IC = 5.0A
5
—
—
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C = 5.0A, IB = 1.2A
—
—
2.0
V
Base-Emitter Saturation Voltage
V
BE(sat)
I
C = 5.0A, IB = 1.2A
—
—
1.5
V
Current Gain Bandwidth Product
f
T
V
CE = 10V, IC = 0.1A
—
2.0
—
MHz
Silicon NPN Triple Diffused Planar Ttransistors
Product specification
Horizontal deflection output for high resolution
display ,color TV.
High speed switching applications
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TO-3P
(H)IS
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SC5148

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5148 TOSHIBA-2SC5148 Datasheet
205Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)
logo
Inchange Semiconductor ...
2SC5148 ISC-2SC5148 Datasheet
153Kb / 3P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC5148 SAVANTIC-2SC5148 Datasheet
280Kb / 4P
Silicon NPN Power Transistors
2SC5148 SAVANTIC-2SC5148 Datasheet
281Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC5148 NJSEMI-2SC5148 Datasheet
128Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5148

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5250 HITACHI-2SC5250 Datasheet
71Kb / 5P
Silicon NPN Triple Diffused Planar
2SC5207A HITACHI-2SC5207A Datasheet
69Kb / 5P
SILICON NPN TRIPLE DIFFUSED PLANAR
2SC5251 HITACHI-2SC5251 Datasheet
35Kb / 6P
Silicon NPN Triple Diffused Planar
2SC5252 HITACHI-2SC5252 Datasheet
38Kb / 7P
Silicon NPN Triple Diffused Planar
2SC5219 HITACHI-2SC5219 Datasheet
35Kb / 6P
Silicon NPN Triple Diffused Planar
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC4386 SANKEN-2SC4386 Datasheet
69Kb / 1P
SILICON NPN TRIPLE DIFFUSED PLANAR
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Tiger Electronic Co.,Lt...
2SC5150 TGS-2SC5150 Datasheet
172Kb / 1P
Silicon NPN Triple Diffused Planar Ttransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com