Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC595P Datasheet(PDF) 7 Page - Tiger Electronic Co.,Ltd

Part # 74HC595P
Description  8-Bit Shift Registers with Output Latches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

74HC595P Datasheet(HTML) 7 Page - Tiger Electronic Co.,Ltd

  74HC595P Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 5Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 6Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 7Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 8Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74HC595
Rev 2.2
2013-11-21
7/7
CL =150pF
6V
26
42
53
63
tPHL
tPLH
ximum
Propagation
delay
from SCLR to
QH
2V
175
221
261
ns
4.5V
36
44
52
6V
30
37
44
tPZH
tPZL
Maximum
Output Enable
from G to QA
thru QH
RL =1kΩ
CL =50pF
CL =150pF
2V
75
175
220
265
ns
2V
100
245
306
368
CL =50pF
CL =150pF
4.5V
15
35
44
53
ns
4.5V
20
49
61
74
CL =50pF
CL =150pF
6V
13
30
37
45
ns
6V
17
42
53
63
tPHZ
tPLZ
Maximum
Output Disable
Time from G
to QA thru QH
RL =1kΩ
CL =50pF
2V
75
175
220
265
ns
4.5V
15
35
44
53
6V
13
30
37
45
tS
Minimum Setup
Time
from SER to
SCK
2V
100
125
150
ns
4.5V
20
25
30
6V
17
21
25
tR
Minimum
Removal Time
from SCLR to
SCK
2V
50
63
75
ns
4.5V
10
13
15
6V
9
11
13
tS
Minimum Setup
Time
from SCK to
RCK
2V
100
125
150
ns
4.5V
20
25
30
6V
17
21
26
tH
Minimum Hold
Time
SER to SCK
2V
5
5
5
ns
4.5V
5
5
5
6V
5
5
5
tW
Minimum Pulse
Width
of SCK or
SCLR
2V
30
80
100
120
ns
4.5V
9
16
20
24
6V
8
14
18
22
tr tf
Maximum Input
Rise and
Fall Time,
Clock
2V
1000
1000
1000
ns
4.5V
500
500
500
6V
400
400
400
tTHL
tTLH
Maximum
Output
2V
25
60
75
90
ns
4.5V
7
12
15
18



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com