Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCS1730 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # KCS1730
Description  TO-92 Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KCS1730 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  KCS1730 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KCS1730
NPN
TO-92 Plastic-Encapsulate Transistors
TV VHF, UHF Tuner Oscillator
• High Current Gain Bandwidth Product : f
T=1100MHz
• Output Capacitance : COB=1.5pF (MAX.)
Absolute Maximum Ratings (Ta=25
℃)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
BVCBO
30
V
Collector-Emitter Voltage
BVCEO
15
V
Emitter-Base Voltage
BVEBO
5
V
Collector Current
IC
50
mA
Collector Power Dissipation
PC
250
mW
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55~+150
℃
Electrical Characteristics (Ta=25
℃)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Collector-base breakdown voltage
BVCBO IC = 10μA,IE = 0
30
V
Collector-emitter breakdown voltage
BVCEO IC = 5mA,IB = 0
15
V
Emitter-base breakdown voltage
BVEBO IE = 10μA,IC = 0
5
V
Collector cut-off current
ICBO
VCB = 12V,IE = 0
0.1
μA
Emitter cut-off current
IEBO
VEB = 5V,IC = 0
0.1
μA
DC current gain
hFE
VCE = 10V,IC= 5mA
40
240
Collector-emitter saturation voltage
VCE(sat) IC = 10mA,IB = 1mA
0.5
V
Transition frequency
fT
VCE = 10V,IB = 5mA
800
1100
MHZ
Collector output capacitance
COB
VCB =10V, IE =0, f =1 MHz
1.5
pF
hFE Classification
Classification
R
O
Y
hFE
40-80
70-140
120-240
TIGER ELECTRONIC CO.,LTD


Similar Part No. - KCS1730

ManufacturerPart #DatasheetDescription
logo
VITROHM
KCS100 VITROHM-KCS100 Datasheet
576Kb / 2P
Power Wirewound Resistors
Revision: 202010
More results

Similar Description - KCS1730

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com