Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST177 Datasheet(PDF) 1 Page - Micross Components

Part # SST177
Description  Linear Systems replaces discontinued Siliconix SST177
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SST177 Datasheet(HTML) 1 Page - Micross Components

  SST177 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX SST177 
LOW ON RESISTANCE 
rDS(on) ≤ 300Ω 
LOW GATE OPERATING CURRENT 
ID(off) = 10pA 
FAST SWITCHING 
t(ON) 25ns 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature 
-­‐55°C to +150°C 
Operating Junction Temperature 
-­‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
IG = -­‐50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = 30V 
Gate to Source Voltage 
VGSS = 30V 
 
 
 
 
 
SST177 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage 
30 
-­‐-­‐ 
-­‐-­‐ 
IG = -­‐1µA,   VDS = 0V 
VGS(F) 
Gate to Source Forward Voltage 
-­‐-­‐ 
-­‐0.7 
-­‐-­‐ 
                   IG = -­‐1mA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage 
0.8 
-­‐-­‐ 
2.25 
VDS = -­‐15V, ID = -­‐10nA 
IDSS 
Drain to Source Saturation Current 
-­‐1.5 
-­‐-­‐ 
-­‐20 
 
V 
 
VDS = -­‐15V, VGS = 0V 
IGSS 
Gate Reverse Current 
-­‐-­‐ 
0.01 
1 
VGS = 20V,  VDS = 0V 
IG 
Gate Operating Current 
-­‐-­‐ 
0.01 
-­‐-­‐ 
VDG = -­‐15V,  ID = -­‐1mA 
ID(off) 
Drain Cutoff Current 
-­‐-­‐ 
-­‐0.01 
-­‐1 
 
nA 
 
VDS = -­‐15V, VGS = 0V 
rDS(on) 
Drain to Source On Resistance 
-­‐-­‐ 
-­‐-­‐ 
300 
Ω 
VGS = 0V,  VDS = -­‐0.1V 
 
 
 
 
 
 
 
SST177 SWITCHING CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
 
UNITS 
CONDITIONS 
td(on) 
Turn On Time 
10 
tr 
Turn On Rise Time 
15 
td(off) 
Turn Off Time 
10 
tf 
Turn Off Fall Time 
20 
 
 
ns 
VGS(L) = 0V 
 VGS(H) = 10V 
 
See Switching Circuit 
 
SST177 SWITCHING CIRCUIT PARAMETERS                                                                                                                                   SWITCHING CIRCUIT 
VDD 
-­‐6V 
 
VGG 
5V 
 
RL 
5600Ω 
 
RG 
390Ω 
 
ID(on) 
-­‐1mA 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
The SST177 is a single P-Channel JFET switch
SST177
P-CHANNEL JFET
Linear Systems replaces discontinued Siliconix SST177
This p-channel analog switch is designed to provide low
on-resistance and fast switching. When used in
combination with the complimentary J/SST111 n-
channel family, the SST177 simplifies series-shunt
switching applications
.
The hermetically sealed TO-72 package is well suited
for military applications. The TO-92 package provides a
lower cost commercial option
SST177 Applications:
Analog Switches
Choppers
Sample-and-Hold
Normally “On” Switches
Current Limiters
SST177 Benefits:
Low Error Voltage
High-Speed Analog Circuit Performance
Negligible “Off-Error,” Excellent Accuracy
Good Frequency Response
Eliminates Additional Buffering
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
SOT-23 (Top View)
Available Packages:
SST177 in SOT-23
SST177 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 -­‐  Absolute maximum ratings are limiting values above which SST177 serviceability may be impaired.


Similar Part No. - SST177

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST177 CALOGIC-SST177 Datasheet
23Kb / 2P
P-Channel JFET Switch
logo
Linear Integrated Syste...
SST177 LINEAR-SST177 Datasheet
237Kb / 2P
SINGLE P-CHANNEL JFET SWITCH
logo
Vishay Siliconix
SST177 VISHAY-SST177 Datasheet
55Kb / 6P
P-Channel JFETs
04-Jun-01
SST177 VISHAY-SST177 Datasheet
81Kb / 7P
P-Channel JFETs
04-Jun-01
SST177 VISHAY-SST177 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
More results

Similar Description - SST177

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com