Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTX618 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ZTX618
Description  NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZTX618 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ZTX618 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZTX618 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZTX618 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZTX618 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NPN SILICON PLANAR MEDIUM POWER
HIGH GAIN TRANSISTOR
ISSUE 2 – JULY 1995
FEATURES
* 10A Peak pulse current
* Excellent hFE characteristics up to10A (pulsed)
* Extremely low saturation voltage e.g. 7mV typ.
*IC cont 3.5A
APPLICATIONS
* Power MOSFET gate driver in conjunction with
complementary ZTX718
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
10
A
Continuous Collector Current
IC
3.5
A
Base Current
IB
500
mA
Practical Power Dissipation*
Ptotp
1.5
W
Power Dissipation
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
* Device mounted on P.C.B. with copper equal to 1 sq. Inch minimum.
ZTX618
ZTX618
C
B
E
E-Line
TO92 Compatible
D=1(D.C.)
D=0.2
D=0.1
D=0.05
D=0.5
Single Pulse
D=t1
tP
t1
tP
Transient Thermal Resistance
Pulse Width
0.1ms
20
60
100
140
180
1ms
10ms
100ms
10s
100s
1s
160
120
80
40
0
Derating curve
T -Temperature (° C)
-40
0.50
0.25
1.0
0.75
040
80
120
200
160
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MAX.
UNIT
Thermal Resistance:
Junction to Ambient1
Junction to Ambient2
Rth(j-amb)1
Rth(j-amb)2†
175
116
°C/W
°C/W
† Device mounted on P.C.B. with copper equal to 1 sq. Inch minimum.
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
©Zetex plc 1997
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Internet:
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any
product or service.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com