Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMA65 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMA65
Description  40-65W Medical Grade Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMA65 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMA65 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMA65 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower
TMA65 Series
40-65W Medical Grade Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
INPUT & OUTPUT SPECIFICATIONS
Input Voltage ......................... 90 to 264 VAC
Input Frequency .................... 47 to 63 Hz
Input Current ........................ 2.5A (rms) max. @ 90 VAC;
.......................................... 1.0A (rms) max. @ 264 VAC
No Load Power .................... <0.5W
Output Voltage & Current ..... See table
Output Voltage Regulation ... ±5% max.
Ripple and Noise ................. See table
Earth Leakage Current ........ <300µA @ 264 VAC
Short-Circuit Protection ........ Auto recovery
Overload Protection ............. Auto recovery
Overvoltage Protection ......... Latch & shutdown, AC recycle
STANDARDS & COMPLIANCES
EMC Standards .................... EN 60601-1-2, EN 55011 Class B,
FCC Part 18 Class B
Safety Standards .................. IEC/EN/UL 60601-1 3rd edition,
ANSI/AAMI ES 60601-1:2005,
CSA C22.2 No. 60601-1:08
Agency Approvals ................. UL, cUL, TUV, CB, CE (LVD)
Other Compliances .............. RoHS, CEC, Energy Star, ERP &
EISA efficiency level V
FEATURES
• +5V to +48V Output Voltage Range
• 0.9 to 0.95 Power Factor
• No Load Power Consumption < 500 mW
• Comply with CEC, Energy Star, ERP& EISA Efficiency Level V
•
Class I with IEC320/C14 AC Inlet
GENERAL SPECIFICATIONS
Switching Frequency ........... 63 KHz
Efficiency ............................ 87% minimum at average load,
115 VAC/230 VAC input, except 5V
output model
Power Factor ...................... >0.95 @115 VAC, >0.90 @230 VAC,
at full load
Hold-up Time ..................... >16 ms typical at full load, 115 VAC
Inrush Current .................... 50A peak @ 115 VAC, 100A peak @
230 VAC, cold start @ 25°C
Withstand Voltage ......... ..... >5,656 VDC, input to output,
>2,121 VDC, input to ground
Operating Temperature ..... 0°C to +70°C ambient
Derating .............................. Derate from 100% at +51°C
linearly to 50% at +70°C
Storage Temperature ...... ... -20°C to +85°C
Operating Humidity ............ 20% to 90%
MTBF ................................... >183K hours at full load and 25°C
ambient temperature calculated
per MIL-HDBK-217F
MODELS LIST
.
o
N
t
c
u
d
o
r
P
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
)
p
-
p
V
(
)
1
(
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
5
0
-
5
6
A
M
T
V
5A
8%
5
±V
m
0
0
1W
0
4
2
1
-
5
6
A
M
T
V
2
1A
5%
5
±V
m
0
2
1W
0
6
5
1
-
5
6
A
M
T
V
5
1A
4%
5
±V
m
0
5
1W
0
6
8
1
-
5
6
A
M
T
V
8
1A
6
.
3%
3
±V
m
0
8
1W
5
6
4
2
-
5
6
A
M
T
V
4
2A
7
.
2%
3
±V
m
0
4
2W
5
6
6
3
-
5
6
A
M
T
V
6
3A
8
.
1%
3
±V
m
0
6
3W
5
6
8
4
-
5
6
A
M
T
V
8
4A
5
3
.
1%
3
±V
m
0
8
4W
5
6
Notes:
1) Ripple and noise are measured at output within 20 MHz bandwidth with a 10µf electrolytic capacitor in parallel with a 0.1µF ceramic capacitor.


Similar Part No. - TMA65

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TMA600A TOPSTEK-TMA600A Datasheet
109Kb / 2P
Topstek Current Transducer
logo
Wuxi Unigroup Microelec...
TMA6N70H WUMC-TMA6N70H Datasheet
1Mb / 10P
700V N-Channel MOSFET
More results

Similar Description - TMA65

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU12A ASTRODYNE-MPU12A Datasheet
481Kb / 3P
12W Medical Grade Wallmount Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TMA165 TRUMPOWER-TMA165 Datasheet
97Kb / 1P
160-165W Medical Grade Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
30W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
63W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TXM25 TRUMPOWER-TXM25_16 Datasheet
239Kb / 2P
Medical Grade 25W Wall Mount Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com