Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMA65-48 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMA65-48
Description  40-65W Medical Grade Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMA65-48 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMA65-48 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMA65-48 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TMA65 Series
40-65 Watts Medical Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
#TMA65_2013-03-27
MECHANICAL SPECIFICATIONS (Unit: mm)
132.0
69.00
DC Output Cable
Top View
Side View
4X Rubber Foot
Front View
40.00
1.4
23.0
10.0
2.5mm Power LED
Unit: mm
Tolerance: ±0.5mm
1
3
4
2
Shell
R
O
T
C
E
N
N
O
C
T
U
P
T
U
O
C
D
N
I
P
N
O
I
T
C
N
U
F
1
V
+
2
N
R
U
T
E
R
3
V
+
4
N
R
U
T
E
R
L
L
E
H
S
D
N
G
C
A
&
N
R
U
T
E
R
Standard output connector: Kycon P/N KPPX-4P 4-pin circular DIN or equivalent
Mating connector: Kycon P/N KPJX-4S-S or equivalent
Contact TRUMPower for output connector options.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com