Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP180 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMP180
Description  180 WATT MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP180 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP180 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP180 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
TMP180 SERIES
NOTE: 1. Ripple and noise: Peak to peak with 20 MHz bandwidth and 47 uF tantalum capacitor in parallel with a 0.1 uF ceramic
capacitor at rated line voltage and load ranges.
2. All models are with IEC320/C14 inlet (class I), except TMP180-24-C2 is with IEC320/C8 (class II).
OUTPUT VOLTAGE/CURRENT RATING CHART
Vnom.
19 V
24 V
28 V
24 V
Imax.
9.47 A
7.5 A
6.42 A
7.5 A
P/N
TMP180-19
TMP180-24
TMP180-28
TMP180-24-C2
Imin.
0 A
0 A
0 A
0 A
Tol.
5%
5%
5%
5%
Maximum
Output Power
180 W
180 W
180 W
180 W
Tumbler Technologies + TRUMPower
NOTES:
1.
Dimensions shown in inches [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Weight: 950 grams (2.09 lbs.) approx.
MECHANICAL SPECIFICATIONS
PIN CHART
Tumbler Technologies + TRUMPower
1
2
3
4
Shield
TMP1 80 - 1 9
TMP1 80 SF- 24
T M P 1 80-2 4
T M P 1 80-2 8
Ou t p ut + V
Ou t p u t + V
Re tur n &
Gr ou nd
Re tu rn &
G r oun d
Re tu rn &
G r ou nd
TMP1 80 SF- 24
O u t p ut +V
O u t p u t +V
Retu r n
Retu r n
Re tur n
PIN
MODEL
T
TT
T
Tumb
umb
umb
umb
umbler
ler
ler
ler
ler T
TT
T
Tec
ec
ec
ec
echnolo
hnolo
hnolo
hnolo
hnologies +
gies +
gies +
gies +
gies + TR
TR
TR
TR
TRUMP
UMP
UMP
UMP
UMPooooow
w
w
w
wer
er
er
er
er
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
Fax: 408-988-6622
email: sales@trumpower.com
Website: www.TRUMPower.com
TMP180-24-C2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com