Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP400 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMP400
Description  400 Watts Medical & ITE Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP400 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP400 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP400 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TMP400 Series
400 Watts Medical & ITE Power Adapters
TMP400_2014-09-03
MECHANICAL SPECIFICATIONS
R
O
T
C
E
N
N
O
C
T
U
P
T
U
O
C
D
N
I
P
N
O
I
T
C
N
U
F
1
V
+
2
3
4
5
N
R
U
T
E
R
6
7
8
Unit: inch [mm]
Tolerance: 0.02 [0.5] maximum
Notes:
1. Standard output connector: Molex Mini-Fit receptacle, P/N 39-01-2080 with female terminal #5556 or
equivalent.
2. Mating connector: Molex plug 39-01-2086 and male terminal #5558, #5566, #5599 or equivalent.
3. Contact TRUMPower for output connector options.
4. Weight: 1.5kg (3.28 lbs) approx.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com