Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPC-700 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMPC-700
Description  Medical Grade 700W ATX PC Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMPC-700 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMPC-700 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TMPC-700
Medical Grade 700W ATX PC Power Supply
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA
• 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
INPUT SPECIFICATIONS
Input Voltage Range ............ 90~264 VAC
Input Frequency ................... 47~63Hz
Input Current ........................ 10A rms max. @ 115 VAC
5A rms max. @ 240 VAC
Inrush Current ...................... 50A @ 115 VAC, 100A @ 230 VAC,
at 25°C cold start
Earth Leakage Current ........ 100μA max. @ 115 VAC, 60Hz
150μA max. @ 264 VAC, 50Hz
OUTPUT SPECIFICATIONS
Output Power Ratings ................ See rating chart
Load Regulation ......................... See rating chart
Line Regulation ........................... ±0.5% max. at full load
Ripple & Noise* .......................... See rating chart
Hold-up Time .............................. 13ms min. @ 110/230 VAC
Switching Frequency .................. 85KHz typ.
Overvoltage Protection, +3.3V ... 3.7~4.8V
+5V ...... 5.7~7.0V
+12V .... 13.4~16.0V
Overcurrent Protection, +3.3V .... 38~48A
+5V ....... 35~50A
+12V ..... 20~28A
Short-Circuit Protection .............. On +3.3V, +5V & +12V outputs
Temperature Coefficient ............. ±0.04%/°C max.
* Measured with 20MHz bandwidth at rated line voltage and output load ranges,
with a 47μF tantalum capacitor in parallel with a 0.1μF ceramic capacitor in
parallel across the output.
FEATURES
• 90-264 VAC Universal Input
• Meets ATX12V & EPS12V Standards
• 80 Plus Bronze High Efficiency
• Active PFC meets EN 61000-3-2 Standard
• Approved to UL & IEC 60601-1 3rd Edition
• Low Noise Ball-bearing Fan
GENERAL SPECIFICATIONS
Efficiency............................ 82% min. at full load
Operating Temperature ...... 0°C to +50°C
Derating ............................. Derate from 100% @ +50°C linearly
to 50% @ +70°C
Storage Temperature ......... -20°C to +80°C
Relative Humidity ............... 5% to 95% non-condensing
Withstand Voltage .............. 1500 VAC from input to ground
MTBF ................................. 100K hours mininum at full load &
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
EMC Performance ............. EN 60601-1-2
Emissions .......................... Class B conducted & radiated,
EN55011, EN55022, FCC,
CISPR 22, VCCI
Immunity ............................ EN 61000-3-2, EN 61000-3-3
EN 61000-4-2, EN 61000-4-3,
EN 61000-4-4, EN 61000-4-5,
EN 61000-4-6, EN 61000-4-8,
EN 61000-4-11
Safety Standards ............... UL 60601-1, EN 60601-1: 3rd edition
Agency Approvals .............. UL, TUV, CB, CE
Other Compliance .............. RoHS
T
R
A
H
C
G
N
I
T
A
R
T
N
E
R
R
U
C
&
E
G
A
T
L
O
V
T
U
P
T
U
O
t
u
t
p
u
O
e
g
a
t
l
o
V
m
u
m
i
n
i
M
d
a
o
L
m
u
m
i
x
a
M
*
d
a
o
L
d
a
o
L
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
V
P
-
P
.
x
a
M
V
3
.
3
+A
5
.
0A
4
2%
5
±V
m
0
5
V
5
+A
5
.
0A
0
3%
5
±V
m
0
5
V
2
1
+
1
A
5
.
0A
6
1%
5
±V
m
0
2
1
V
2
1
+
2
A
5
.
0A
6
1%
5
±V
m
0
2
1
V
2
1
+
3
A
5
.
0A
6
1%
5
±V
m
0
2
1
V
2
1
+
4
A
5
.
0A
6
1%
5
±V
m
0
2
1
V
2
1
-A
5
0
.
0A
5
.
0%
0
1
±V
m
0
2
1
b
s
V
5
+A
1
.
0A
5
.
3%
5
±V
m
0
5
V
5
-A
0A
2
.
0%
0
1
±V
m
0
0
1
.
m
u
m
i
x
a
m
W
0
0
7
s
i
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
o
e
h
T
*
.
m
u
m
i
x
a
m
W
0
8
1
s
i
V
5
+
&
V
3
.
3
+
r
o
f
r
e
w
o
p
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*
V
2
1
+
r
o
f
t
n
e
r
r
u
c
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*
1
V
2
1
+
,
2
V
2
1
+
,
3
V
2
1
+
&
4
.
m
u
m
i
x
a
m
A
0
5
s
i
#TMPC700-2011-1028
MECHANICAL SPECIFICATIONS
*TYPICAL OUTPUT CABLESET
*Custom output cablesets available


Similar Part No. - TMPC-700

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-180-1U TRUMPOWER-TMPC-180-1U Datasheet
67Kb / 1P
180W PC Power Supply for 1U Application
TMPC-220-1U TRUMPOWER-TMPC-220-1U Datasheet
481Kb / 2P
1U 220W Medical Grade ATX PC Power Supply
TMPC-250-1U TRUMPOWER-TMPC-250-1U Datasheet
336Kb / 2P
1U 250W Medical Grade ATX PC Power Supply
TMPC-300 TRUMPOWER-TMPC-300 Datasheet
35Kb / 1P
300W ATX PC Power Supply
TMPC-300-1U TRUMPOWER-TMPC-300-1U Datasheet
27Kb / 1P
300W PC Power Supply for 1U Installation
More results

Similar Description - TMPC-700

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP220-60MPC SPI-FSP220-60MPC Datasheet
470Kb / 1P
220 Watts FLEX ATX Medical Grade Power Supply
FSP250-60MPC SPI-FSP250-60MPC Datasheet
417Kb / 1P
250 Watts FLEX ATX Medical Grade Power Supply
logo
Tumbler Technologies + ...
TMPC-220-1U TRUMPOWER-TMPC-220-1U Datasheet
481Kb / 2P
1U 220W Medical Grade ATX PC Power Supply
TMPC-250-1U TRUMPOWER-TMPC-250-1U Datasheet
336Kb / 2P
1U 250W Medical Grade ATX PC Power Supply
TMPC-600 TRUMPOWER-TMPC-600 Datasheet
246Kb / 1P
Medical Grade 600W ATX PC Power Supply
TMPC-650U TRUMPOWER-TMPC-650U Datasheet
405Kb / 2P
UPS-Ready Medical Grade 650W ATX Power Supply
TMPC-400H TRUMPOWER-TMPC-400H Datasheet
217Kb / 2P
Haswell Ready Medical Grade 400W ATX Power Supply
TMPC-500H TRUMPOWER-TMPC-500H Datasheet
217Kb / 2P
Haswell Ready Medical Grade 500W ATX Power Supply
logo
Delta Electronics, Inc.
MDS-350AD701 DELTA-MDS-350AD701 Datasheet
706Kb / 10P
Medical ATX Power Supply
MDS-350AD701AA DELTA-MDS-350AD701AA Datasheet
706Kb / 10P
Medical ATX Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com