Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U022-010-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U022-010-R
Description  USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U022-010-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U022-010-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U022-010-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U022-010-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved U022-010-R Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
MODEL NUMBER: U022-010-R
Description
Tripp Lite's 10ft gold USB 2.0 A/B device cable meets or exceeds USB 2.0 specifications. Connects a USB
device to a USB port on a computer or hub. Backward compatible - can be used with older USB 1.1 applications
as well. All Tripp Lite USB 2.0 cabling include superior foil shielding for reliable, error-free data communications.
The significantly faster data transfer rates of USB 2.0 (up to 480 Mbps) make them perfect for multimedia
applications. Features gold plated connectors and gold plated copper contacts for superior conductivity. The
cable is manufactured with molded connectors and integral strain relief for extra durability and long life.
Clamshell retail packaging.
Features
Meets or exceeds USB 2.0 specifications
Supports faster data transfer rate (1.5 to 480 Mbps) for low speed and high speed devices including multimedia applications
Premium double-shielded cables with tinned copper braid and aluminum Mylar foil
Gold-plated connectors and gold-plated copper contacts for superior conductivity
Molded connectors and integral strain relief for extra durability and long life
Specifications
OVERVIEW
Intended Application
Connecting Peripherals
Cable Type
USB
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
Highlights
Meets or exceeds USB 2.0
specifications
Supports faster data transfer rate
(1.5 to 480 Mbps) for low speed
and high speed devices,
including multimedia applications.
Premium double-shielded cables
with tinned copper braid and
aluminum mylar foil feature
twisted 28AWG data lines, and
24AWG power lines.
Gold-plated connectors provide
superior conductivity
Comes in retail packaging
System Requirements
Any device requiring a USB cable
(USB 2.0 performance only when
used with USB 2.0 device and
USB controller).
Package Includes
10-ft. USB 2.0 Gold Cable USB-A
to USB-B
1 / 3


Similar Part No. - U022-010-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U022-010-BE TRIPPLITE-U022-010-BE Datasheet
161Kb / 2P
USB 2.0 A/B Cable (M/M), Beige, 10 ft.
U022-010-COIL TRIPPLITE-U022-010-COIL Datasheet
160Kb / 2P
USB 2.0 A/B Coiled Cable (M/M), 10 ft.
More results

Similar Description - U022-010-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U022-006 TRIPPLITE-U022-006 Datasheet
477Kb / 4P
USB 2.0 Hi-Speed A/B Cable (M/M) 6-ft.
U022-010 TRIPPLITE-U022-010 Datasheet
477Kb / 4P
USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U022-015 TRIPPLITE-U022-015 Datasheet
477Kb / 4P
USB 2.0 Hi-Speed A/B Cable (M/M) 15-ft.
U021003 TRIPPLITE-U021003 Datasheet
467Kb / 2P
USB 2.0 Hi-Speed A-B Cable (M-M), 3-ft
U022006 TRIPPLITE-U022006 Datasheet
471Kb / 2P
USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022006R TRIPPLITE-U022006R Datasheet
471Kb / 2P
USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022010 TRIPPLITE-U022010 Datasheet
471Kb / 2P
USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U022010R TRIPPLITE-U022010R Datasheet
471Kb / 2P
USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U022015 TRIPPLITE-U022015 Datasheet
471Kb / 2P
USB 2.0 Hi-Speed A-B Cable (M-M), 15-ft
U050010 TRIPPLITE-U050010 Datasheet
477Kb / 2P
USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 10-ft
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com