Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST504 Datasheet(PDF) 1 Page - Micross Components

Part # SST504
Description  Linear Systems replaces discontinued Siliconix SST504
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SST504 Datasheet(HTML) 1 Page - Micross Components

  SST504 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web:
www.micross.com/distribution.aspx
Features:
Surface-Mount Package
Guaranteed ±20% Tolerance
POV (min) 45V
Good Temperature Stability
Benefits:
Simple Series Circuitry, No Separate Voltage Source
Tight Guaranteed Circuit Performance
Excellent Performance in Low-Voltage / Battery
Circuits and High-Voltage Spike Protection
High Circuit Stability vs. Temperature
Absolute Max Ratings @ 25ºC unless otherwise stated
Maximum Temperatures
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . – 55 to +150ºC
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . – 55 to +135ºC
Maximum Power Dissipation
Continuous Power Dissipation . . . . . . . . . . . . . . . . . . . 350mW
Maximum Currents
Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Reverse Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Maximum Voltages
Peak Operating Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . POV = 50V
SST504 Availability:
SOT-23
Bare die
SST504 Specific Electrical Characteristics @ 25ºC (Unless otherwise stated)
For SST504 product enquiries & mechanical details please
contact your stocking representative Micross Components
chipcomponents@micross.com
1. Absolute maximum ratings are limiting values above which serviceability may be impaired.
2. Pulsed, t = 2ms. Maximum VF where IF < 1.1IF(max).
3. Pulsed, t = 2ms. Continuous currents may vary.
4. Pulsed, t = 2ms. Continuous impedances may vary.
5. Min VF required to ensure IF = 0.8IF(min).
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
V–I CURRENT CHARACTERISTICS REGULATING DIODE
Current Regulator Diode — POV (min) 45 V
SST504 Applications:
Constant-Current Supply
Current-Limiting
Timing Circuits
Description:
The SST504 belongs to a family of ±20% range current
regulators designed for demanding applications in test
equipment and instrumentation. These devices utilize JFET
techniques to produce a device which is extremely
simple to operate.
Linear Systems replaces discontinued Siliconix SST504
SST504
SST504 Electrical Characteristics @ 25ºC (Unless otherwise stated)


Similar Part No. - SST504

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST504 CALOGIC-SST504 Datasheet
23Kb / 2P
Current Regulator Diode
logo
Linear Integrated Syste...
SST504 LINEAR-SST504 Datasheet
216Kb / 2P
CURRENT REGULATING DIODES
logo
Vishay Siliconix
SST504 VISHAY-SST504 Datasheet
61Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
SST504 VISHAY-SST504 Datasheet
43Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
SST504 VISHAY-SST504 Datasheet
43Kb / 5P
Current Regulator Diodes—POV(min) 45 V
02-Jul-01
More results

Similar Description - SST504

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com