Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST505 Datasheet(PDF) 1 Page - Micross Components

Part # SST505
Description  Linear Systems replaces discontinued Siliconix SST505
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SST505 Datasheet(HTML) 1 Page - Micross Components

  SST505 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web:
www.micross.com/distribution.aspx
Features:
Surface-Mount Package
Guaranteed ±20% Tolerance
POV (min) 45V
Good Temperature Stability
Benefits:
Simple Series Circuitry, No Separate Voltage Source
Tight Guaranteed Circuit Performance
Excellent Performance in Low-Voltage / Battery
Circuits and High-Voltage Spike Protection
High Circuit Stability vs. Temperature
Absolute Max Ratings @ 25ºC unless otherwise stated
Maximum Temperatures
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . – 55 to +150ºC
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . – 55 to +135ºC
Maximum Power Dissipation
Continuous Power Dissipation . . . . . . . . . . . . . . . . . . . 350mW
Maximum Currents
Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Reverse Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Maximum Voltages
Peak Operating Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . POV = 50V
SST505 Availability:
SOT-23
Bare die
SST505 Specific Electrical Characteristics @ 25ºC (Unless otherwise stated)
For SST505 product enquiries & mechanical details please
contact your stocking representative Micross Components
chipcomponents@micross.com
1. Absolute maximum ratings are limiting values above which serviceability may be impaired.
2. Pulsed, t = 2ms. Maximum VF where IF < 1.1IF(max).
3. Pulsed, t = 2ms. Continuous currents may vary.
4. Pulsed, t = 2ms. Continuous impedances may vary.
5. Min VF required to ensure IF = 0.8IF(min).
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
V–I CURRENT CHARACTERISTICS REGULATING DIODE
Current Regulator Diode — POV (min) 45 V
SST505 Applications:
Constant-Current Supply
Current-Limiting
Timing Circuits
Description:
The SST505 belongs to a family of ±20% range current
regulators designed for demanding applications in test
equipment and instrumentation. These devices utilize JFET
techniques to produce a device which is extremely
simple to operate.
Linear Systems replaces discontinued Siliconix SST505
SST505
SST505 Electrical Characteristics @ 25ºC (Unless otherwise stated)


Similar Part No. - SST505

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST505 CALOGIC-SST505 Datasheet
23Kb / 2P
Current Regulator Diode
logo
Linear Integrated Syste...
SST505 LINEAR-SST505 Datasheet
216Kb / 2P
CURRENT REGULATING DIODES
logo
Vishay Siliconix
SST505 VISHAY-SST505 Datasheet
61Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
SST505 VISHAY-SST505 Datasheet
43Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
SST505 VISHAY-SST505 Datasheet
43Kb / 5P
Current Regulator Diodes—POV(min) 45 V
02-Jul-01
More results

Similar Description - SST505

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com