Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST4119 Datasheet(PDF) 1 Page - Micross Components

Part # SST4119
Description  Linear Systems replaces discontinued Siliconix SST4119
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SST4119 Datasheet(HTML) 1 Page - Micross Components

  SST4119 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX SST4119 
LOW POWER 
IDSS<90 µA  
MINIMUM CIRCUIT LOADING 
IGSS<10 pA 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +175°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
300mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
50mA 
MAXIMUM VOLTAGES 
Gate to Drain or Gate to Source (Note 2) ‐40V 
  
 
SST4119 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐40 
‐‐ 
‐‐ 
V 
IG = ‐1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐2 
‐‐ 
‐6 
V 
                  VDS = 10V,   ID = 1nA 
IDSS 
Gate to Source Saturation Current 
0.20 
‐‐ 
0.60 
mA 
VDS = 10V,   VGS = 0V 
IGSS 
Gate Leakage Current 
‐‐ 
‐‐ 
‐10 
pA 
VGS = ‐20V,  VDS = 0V 
‐‐ 
‐‐ 
‐25 
VGS = ‐20V,  VDS = 0V,  150°C 
gfs 
Forward Transconductance(Note 3) 
100 
‐‐ 
330 
µmho 
VDS = 10V,   VGS = 0V,   f = 1kHz 
 
gos 
Output Conductance 
‐‐ 
‐‐ 
10 
Ciss 
Input Capacitance 
‐‐ 
‐‐ 
3 
pF 
VDS = 10V,   VGS = 0V,   f = 1MHz 
Crss 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
1.5 
  
 
 
 
 
 
  
 
 
 
 
 
 
NOTES 
1 . Absolute maximum ratings are limiting values above which SST4119 serviceability may be impaired.  
2.  Due to symmetrical geometry, these units may be operated with source and drain leads interchanged 
3. This parameter is measured during a 2ms interval 100ms after power is applied.  (Not a JEDEC condition.) 
The SST4119 is an Ultra-High Input Impedance N-Channel JFET
SST4119
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix SST4119
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Available Packages:
SST4119 in SOT-23
SST4119 in bare die.
Please contact Micross for full
package and die dimensions
SST4119 Benefits:
Insignificant Signal Loss/Error Voltage
with High-Impedance Source
Low Power Consumption (Battery)
Maximum Signal Output, Low Noise
High Sensitivity to Low-Level Signals
The SST4119 provides ultra-high input impedance. The
device is specified with a 10-pA limit and is ideal for use
as a high-impedance sensitive front-end amplifier.
SST4119 Applications:
High-Impedance Transducer
Smoke Detector Input
Infrared Detector Amplifier
Precision Test Equipment
SOT-23 (Top View)


Similar Part No. - SST4119

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST4119 CALOGIC-SST4119 Datasheet
21Kb / 1P
N-Channel JFET General Purpose Amplifier
logo
Vishay Siliconix
SST4119 VISHAY-SST4119 Datasheet
61Kb / 5P
N-Channel JFETs
28-Jun-04
SST4119 VISHAY-SST4119 Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
logo
Linear Integrated Syste...
SST4119 LINEAR-SST4119 Datasheet
333Kb / 2P
ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
logo
Calogic, LLC
SST4119 CALOGIC-SST4119 Datasheet
33Kb / 1P
N-Channel JFET General Purpose Amplifier
More results

Similar Description - SST4119

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com