Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST5115 Datasheet(PDF) 1 Page - Micross Components

Part # SST5115
Description  Linear Systems replaces discontinued Siliconix SST5115
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SST5115 Datasheet(HTML) 1 Page - Micross Components

  SST5115 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX SST5115 
LOW ON RESISTANCE 
rDS(on) ≤ 100Ω 
LOW CAPACITANCE 
6pF 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐55°C to +200°C 
Operating Junction Temperature ‐55°C to +200°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
500mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
IG = ‐50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = 30V 
Gate to Source Voltage 
VGSS = 30V 
SST5115 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage 
30 
‐‐ 
‐‐ 
 
 
V 
IG = 1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage 
3 
‐‐ 
6 
VDS = ‐15V, ID = ‐1nA 
VGS(F) 
Gate to Source Forward Voltage 
‐‐ 
‐0.7 ‐1 
IG = ‐1mA,   VDS = 0V 
 
VDS(on) 
 
Drain to Source On Voltage 
‐‐ 
‐1.0 
‐‐ 
VGS = 0V, ID = ‐15mA 
‐‐ 
‐0.7 ‐0.8 
VGS = 0V, ID = ‐7mA 
‐‐ 
‐0.5 
‐‐ 
VGS = 0V, ID = ‐3mA 
IDSS 
Drain to Source Saturation Current (Note 2) ‐15 
‐‐ 
‐60 
mA 
VDS = ‐15V, VGS = 0V 
IGSS 
Gate Reverse Current 
‐‐ 
5 
500  
 
pA 
 
VGS = 20V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐5 
‐‐ 
VDS = ‐15V,  ID = ‐1mA 
 
ID(off) 
 
Drain Cutoff Current 
‐‐ 
‐10 
‐‐ 
VDS = ‐15V, VGS = 12V 
‐‐ 
‐10 ‐500 
VDS = ‐15V, VGS = 7V 
‐‐ 
‐10 
‐‐ 
VDS = ‐15V, VGS = 5V 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
100 Ω 
ID = ‐1mA,   VGS = 0V 
SST5115 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
gfs 
Forward Transconductance 
‐‐ 
4.5 
‐‐ 
mS 
VDS = ‐15V,  ID = 1mA , f = 1kHz 
gos 
Output Conductance 
‐‐ 
20 
‐‐ 
µS 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
100 Ω 
ID = 0A,   VGS = 0V,   f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
20 
25  
pF 
VDS = ‐15V, VGS = 0V, f = 1MHz 
 
Crss 
 
Reverse Transfer Capacitance 
‐‐ 
5 
‐‐ 
VDS = 0V, VGS = 12V, f = 1MHz 
‐‐ 
6 
7 
VDS = 0V, VGS = 7V, f = 1MHz 
‐‐ 
6 
‐‐ 
VDS = 0V, VGS = 5V, f = 1MHz 
en 
Equivalent Noise Voltage 
‐‐ 
20 
‐‐ 
nV/√Hz 
VDG = 10V,  ID = 10mA , f = 1kHz 
SST5115 SWITCHING CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC  
UNITS 
CONDITIONS 
td(on) 
Turn On Time 
10  
 
ns 
VGS(L) = ‐7V 
VGS(H) = 0V 
 
See Switching Circuit 
tr 
Turn On Rise Time 
20 
td(off) 
Turn Off Time 
8 
tf 
Turn Off Fall Time 
30 
                                                                                                                 
SST5115 SWITCHING CIRCUIT PARAMETERS                                                                                                                          
VDD ‐6V  
VGG 
12V  
RL 
910Ω 
 
RG 
220Ω 
 
ID(on) ‐7mA  
SST5115
P-CHANNEL JFET
Linear Systems replaces discontinued Siliconix SST5115
This analog switch is designed for inverting switching
into inverting input of an Operational Amplifier.
The SOT-23 provides a low cost option and ease of
manufacturing.
(See Packaging Information).
SST5115 Applications:
Analog Switches
Commutators
Choppers
SST5115 Benefits:
Low On Resistance
ID(off) ≤ 500 pA
Switches directly from TTL logic
Note 1 ‐ Absolute maximum ratings are limiting values above which SST5115 serviceability may be impaired.  Note 2 – Pulse test: PW≤ 300 µs, Duty Cycle ≤ 3% 
Micross Components Europe
Available Packages:
SST5115 in SOT-23
SST5115 in bare die.
Please contact Micross for full
package and die dimensions
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
SWITCHING TEST CIRCUIT
SOT-23 (Top View)


Similar Part No. - SST5115

ManufacturerPart #DatasheetDescription
logo
Micross Components
SST5115_SOT-23 MICROSS-SST5115_SOT-23 Datasheet
304Kb / 1P
P-CHANNEL JFET
More results

Similar Description - SST5115

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com