Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSTDPAD5 Datasheet(PDF) 1 Page - Micross Components

Part # SSTDPAD5
Description  Linear Systems replaces discontinued Siliconix SSTDPAD5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SSTDPAD5 Datasheet(HTML) 1 Page - Micross Components

  SSTDPAD5 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: baredie@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX SSTDPAD5 
HIGH ON ISOLATION 
20fA 
EXCELLENT CAPACITANCE MATCHING ∆CR ≤ 0.5pF 
ULTRALOW LEAKAGE ≤ 5 pA 
REVERSE BREAKDOWN VOLTAGE 
BVR ≥ ‐30V 
REVERSE CAPACITANCE 
Crss ≤ 4.0pF 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
500mW 
MAXIMUM CURRENT
Forward Current (Note 1) 
50mA 
 
 
SSTDPAD5 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVR 
Reverse Breakdown Voltage ‐45 
‐‐ 
‐‐ 
V 
IR = ‐1µA 
VF 
Forward Voltage 
‐‐ 
0.8 
1.5 
V 
IF = 1mA 
CrSS 
Total Reverse Capacitance 
‐‐ 
‐‐ 
2.0 
pF 
VR = ‐5V, f = 1MHz 
|CR1‐CR2| 
Differential Capacitance (∆CR) 
‐‐ 
‐‐ 
0.5 
pF 
VR1 =  VR2 = ‐5V, f = 1MHz 
IR 
Maximum Reverse Leakage Current 
‐‐ 
‐‐ 
‐100 
pA 
VR = ‐ 20V 
The SSTDPAD5 extremely low-leakage monolithic dual
diode provides a superior alternative to conventional
diode technology when reverse current (leakage) must
be minimized. In addition the monolithic dual
construction allows excellent capacitance matching per
diode. The SSTDPAD5 features a leakage current of -5
pA and is well suited for use in applications such as
input protection for operational amplifiers.
SSTDPAD5 Benefits:
Negligible Circuit Leakage Contribution
Circuit “Transparent” Except to Shunt
High-Frequency Spikes
Simplicity of Operation
SSTDPAD5 Applications:
Op Amp Input Protection
Multiplexer Overvoltage Protection
The SSTDPAD5 is a low leakage Monolithic Dual Pico-Amp Diode
SSTDPAD5
LOW LEAKAGE
PICO-AMP DUAL DIODE
Available Packages:
SSTDPAD5 in SOIC
SSTDPAD5 available as bare die
Please contact Micross for full package and die dimensions
Linear Systems replaces discontinued Siliconix SSTDPAD5
Notes:
1. Absolute maximum ratings are limiting values above which SSTDPAD5 serviceability may be impaired.
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution.com
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
SOIC (Top View)


Similar Part No. - SSTDPAD5

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SSTDPAD5 CALOGIC-SSTDPAD5 Datasheet
32Kb / 2P
Dual Pico Amp Diodes
logo
Linear Integrated Syste...
SSTDPAD5 LINEAR-SSTDPAD5 Datasheet
205Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
logo
Calogic, LLC
SSTDPAD50 CALOGIC-SSTDPAD50 Datasheet
32Kb / 2P
Dual Pico Amp Diodes
logo
Linear Integrated Syste...
SSTDPAD50 LINEAR-SSTDPAD50 Datasheet
205Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
logo
New Jersey Semi-Conduct...
SSTDPAD50 NJSEMI-SSTDPAD50 Datasheet
80Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
More results

Similar Description - SSTDPAD5

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com