Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6699 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6699
Description  27V Step Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6699 Datasheet(HTML) 2 Page - Exar Corporation

  SP6699 Datasheet HTML 1Page - Exar Corporation SP6699 Datasheet HTML 2Page - Exar Corporation SP6699 Datasheet HTML 3Page - Exar Corporation SP6699 Datasheet HTML 4Page - Exar Corporation SP6699 Datasheet HTML 5Page - Exar Corporation SP6699 Datasheet HTML 6Page - Exar Corporation SP6699 Datasheet HTML 7Page - Exar Corporation SP6699 Datasheet HTML 8Page - Exar Corporation SP6699 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
S
SP
P6
66
69
99
9
2
27
7V
V S
Stte
ep
p U
Up
p W
Wh
hiitte
e L
LE
ED
D D
Drriiv
ve
err
© 2011 Exar Corporation
2/12
Rev. 2.1.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
Input Voltage VIN .................................................... 20V
SW Voltage............................................................ 27V
FB Voltage............................................................. 20V
CTRL Voltage ......................................................... 20V
Operating Junction Temperature ........................... 150ºC
Storage Temp. Range TSTG ....................... -65ºC to 150ºC
Lead Temperature (sold. 10s) TLEAD ..................... 260ºC
ESD Ratings – Human Body Model.........................2000V
ESD Ratings – Machine Model .................................250V
Moisture Sensitivity Level (MSL)................................... 3
OPERATING RATINGS
Input Voltage Range VIN................................2.7V to 16V
Operating Temperature Range................... -40°C to 85°C
CTRL Voltage VCTRL ..................................................16V
Thermal Resistance (junction to Atm.) RθJA ..........265°C/W
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TA = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TA = 25°C, and are provided
for reference purposes only. Unless otherwise indicated, VIN = 3V, VCTRL = 3V, TA= 25°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Operating Voltage
2.5
16
V
Feedback Voltage VFB
188
200
212
mV
•
IOUT=20mA, 4 LEDs
FB Pin Bias Current IFB
35
100
nA
Supply Current ICC
1.3
2.0
2.7
mA
VFB = VIN, not switching
Supply Current IQ
2.0
3.2
5.0
µA
VCTRL = 0V
Switching Frequency f
0.7
1.0
1.3
MHz
Maximum Duty Cycle DMAX
90
93
%
Switch Current Limit (Note 1)
ILIMIT
500
mA
TA=25°C, D=40%
250
mA
TA=25°C, D=80%
Switch VCE Saturation Voltage
VCESAT
360
mV
ISW=250mA
Switch Leakage Current
0.01
5
µA
VSW=5V
CTRL Pin Voltage VCTRL - High
1.8
V
CTRL Pin Voltage VCTRL – Low
0.05
V
CTRL Bias Current ICTRL
40
55
72
µA
50
µA
TA=85°C
75
µA
TA=-40°C
Schottky Forward Drop VDROP
0.7
V
ID=150mA
Schottky Leakage Current
0.1
4
µA
VR=23V
150
µA
VR=27V
Soft Start Time t
300
µs
Note 1: The switch current limit is related to the duty cycle. Refer to figure 16 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com