Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-921 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # PS-921
Description  PHASE SHIFTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

PS-921 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  PS-921 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION PS-921 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION PS-921 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fc = 15 MHz
2:1 BANDWIDTH
PHASE SHIFTER
SURFACE MOUNT MODEL:
PS-921
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 1 of 3 ]
FEATURES:
► Over 180º of Phase Shift
► Low Tuning Voltage
► Excellent Performance
► Low VSWR
► High Efficiency
SPECIFICATIONS (Rev. C 01/17/14)
Frequency
10 - 20 MHz
Insertion Loss (dB)
Typ.
Max.
1.3
1.8
Control Bandwidth
DC to 50 kHz (Min.)
Control Voltage
0 - 12 Volts
Phase Shift
180º (Min.)
VSWR
Typ.
Max.
1.5:1
1.7:1
Input Power
0 dBm (Max.)
Impedance
50 Ohms (Nom.)
Operating Temperature Range
-40 to +85 °C
Absolute Maximum Ratings
Storage Temp. Range
-55 to +100 ºC
RF Input Power
20 dBm
Control Voltage
+20 V
Package #
124S
PORT CONFIGURATION
Input
Output
Control
Case GND
1
13
4
All Others


Similar Part No. - PS-921

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
PS-923 SYNERGY-PS-923 Datasheet
374Kb / 3P
PHASE SHIFTER
PS-924 SYNERGY-PS-924 Datasheet
324Kb / 3P
PHASE SHIFTER
PS-927 SYNERGY-PS-927 Datasheet
320Kb / 3P
PHASE SHIFTER
More results

Similar Description - PS-921

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PSD-2SH-1.9G MERRIMAC-PSD-2SH-1.9G Datasheet
96Kb / 1P
PHASE SHIFTER
PSD-2SH-5.5G MERRIMAC-PSD-2SH-5.5G Datasheet
84Kb / 2P
PHASE SHIFTER
logo
SYNERGY MICROWAVE CORPO...
PS-117 SYNERGY-PS-117 Datasheet
319Kb / 3P
PHASE SHIFTER
PS-352 SYNERGY-PS-352 Datasheet
330Kb / 3P
PHASE SHIFTER
PS-901 SYNERGY-PS-901 Datasheet
389Kb / 3P
PHASE SHIFTER
PS-909 SYNERGY-PS-909 Datasheet
303Kb / 3P
PHASE SHIFTER
PS-923 SYNERGY-PS-923 Datasheet
374Kb / 3P
PHASE SHIFTER
PS-927 SYNERGY-PS-927 Datasheet
320Kb / 3P
PHASE SHIFTER
PS220230B SYNERGY-PS220230B Datasheet
420Kb / 3P
PHASE SHIFTER
SPS-1300 SYNERGY-SPS-1300 Datasheet
343Kb / 3P
PHASE SHIFTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com